Electronic Components Datasheet Search
  English  ▼

X  

RT9238CS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RT9238CS
Description  VRM 8.5 PWM AND TRIPLE LINEAR POWER SYSTEM CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9238CS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RT9238CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Preliminary
RT9238
DS9238-01 July 2001
www.richtek-ic.com.tw
3
Fig.2 VRM 8.4 & 8.5 Power Solution
7
6
5
10
12
28
23
8
27
26
25
24
22
5V
12V
16
11
1
17
20
C14
1µF
VTTPG
19
15
VTT
VOUT2
1.2V
13
9
VAUX
18
14
RT9238
R1
10
2
FIX
Q3
PHD3055E
+
C5
1000µF
C6
1µF
R6
1K
+
Q4
PHD3055E
+
+
AGP
VOUT3
1.5V
C9
560µF
C8
1µF
Q5
2SD1802
C10
1µF
C11
560µF
VOUT4
1.8V
MCH
+
L1
1µH
C1
2000µF
Q1
PHB83N03LT
Q2
PHB95N03LT
L2; 1.8µH
R3
10K
+
C3
8000µF
C4
1µF
21
R6
1K
4
3
VID25
VID0
VID1
VID2
VID3
C12
0.1µF
C13
0.1µF
D1
1N4148
VAUX
VCORE
VOUT1
VRM8.5
PGOOD
VCC
FIX
DRIVE2
VSEN2
VTTPG
VAUX
DRIVE3
VSEN3
DRIVE4
VSEN4
GND
OCSET1
PGOOD
UGATE1
PHASE1
LGATE1
PGND
FB1
VDAC
ICOMP
VID25
VID0
VID1
VID2
VID3
FAULT/VID4
SS24
SS13
TUAL5
R13; 47K
Q7
MMBT3906
C15
10µF
C2
1000pF
R2
1K
R15
10K
Z1
15V
C16
10nF
FAULT
* TUAL5: Hi Tualatin
TUAL5: Lo Coppermine
C17
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com