Electronic Components Datasheet Search
  English  ▼

X  

RT9238CS Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # RT9238CS
Description  VRM 8.5 PWM AND TRIPLE LINEAR POWER SYSTEM CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9238CS Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button RT9238CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 9Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 10Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 11Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 12Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 13Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 14Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 15Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
RT9238
Preliminary
www.richtek-ic.com.tw
DS9238-01 July 2001
12
Fig.3 Soft-start Interval
Fault Protection
All four outputs are monitored and protected against
extreme overload. The chip’s response to an output
overload is selective, depending on the faulting
output.
An over-voltage on VOUT1 output (FB1) disables
outputs 1, 2, and 3, and latches the IC off. An under-
voltage on VOUT4 output latches the IC off. A single
over-current event on output 1, or an under-voltage
event on output 2 or 3, increments the respective
fault counters and triggers a shutdown of outputs 1,
2, and 3, followed by a soft-start re-start. After three
consecutive fault events on either counter, the chip is
latched off. Removal of bias power resets both the
fault latch and the counters. Both counters are also
reset by a successful start-up of all the outputs.
Fig.3 shows a simplified schematic of the fault logic.
The over-current latches are set dependent upon the
states of the over-current (OC1), output 2 and 3
under-voltage (UV2, UV3) and the soft-start signals
(SS13, SS24). Window comparators monitor the SS
pins and indicate when the respective CSS pins are
fully charged to above 4.0V (UP signals). An under-
voltage on either linear output (VSEN2, VSEN3, or
VSEN4) is ignored until the respective UP signal
goes high. This allows VOUT3 and VOUT4 to increase
without fault at start-up. Following an over-current
event (OC1, UV2, or UV3 event), bringing the SS24
pin below 0.8V resets the over-current latch and
generates a soft-started ramp-up of the outputs 1, 2,
and 3.
Fig.4 Fault Logic-simplified Schematic
OUT1 Over-Voltage Protection
During operation, a short across the synchronous
PWM upper MOSFET (Q1) causes VOUT1 to
increase. When the output exceeds the over-voltage
threshold of 115% of DACOUT, the over-voltage
comparator trips to set the fault latch and turns the
lower MOSFET (Q2) on. This blows the input fuse
and reduces VOUT1.
A separate over-voltage circuit provides protection
during the initial application of power. For voltages on
the VCC pin below the power-on reset (and above
~4V), the output level is monitored for voltages above
1.3V. Should FB1 exceed this level, the lower
MOSFET, Q2, is driven on.
Over-Current Protection
All outputs are protected against excessive over-
currents. The PWM controller uses the upper
S
Q
R
S
Q
R
Q
R
S
Q
COUNTER
COUNTER
SS13UP
UV3
OC1
4V
SS13
0.8V
SS24
OC
LATCH
SS24UP
4V
OV
UV4
UV2
OC
LATCH
POR
FAULT
LATCH
INHIBIT 1,2,3
SSDOWN
FAULT
R
R
0V
3.0V
0V
10V
T1
T2
T4T5
TIME
SS24
T0
T3
ATX12V
ATX5V
ATX3.3V
VOUT4 (1.8V)
VOUT3 (1.5V)
VOUT2 (1.2V)
VOUT1 (1.65V)
PGOOD
VTTPG
SS13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com