Electronic Components Datasheet Search
  English  ▼

X  

RT9238CS Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # RT9238CS
Description  VRM 8.5 PWM AND TRIPLE LINEAR POWER SYSTEM CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9238CS Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button RT9238CS Datasheet HTML 12Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 13Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 14Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 15Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 16Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 17Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 18Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 19Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
RT9238
Preliminary
www.richtek-ic.com.tw
DS9238-01 July 2001
16
elements. The voltage spikes can degrade efficiency,
radiate noise into the circuit, and lead to device over-
voltage stress. Careful component layout and printed
circuit design minimizes the voltage spikes in the
converter. Consider, as an example, the turn-off
transition of the upper MOSFET. Prior to turn-off, the
upper MOSFET was carrying the full load current.
During the turn-off, current stops flowing in the upper
MOSFET and is picked up by the lower MOSFET or
Schottky diode. Any inductance in the switched
current path generates a large voltage spike during
the switching interval. Careful component selection,
tight layout of the critical components, and short,
wide circuit traces minimize the magnitude of voltage
spikes.
There are two sets of critical components in a DC-DC
converter using an RT9238 controller. The switching
power components are the most critical because they
switch large amounts of energy, and as such, they
tend to generate equally large amounts of noise. The
critical small signal components are those connected
to sensitive nodes or those supplying critical bypass
current.
The power components and the controller IC should
be placed first. Locate the input capacitors, especially
the high-frequency ceramic de-coupling capacitors,
close to the power switches. Locate the output
inductor
and
output
capacitors
between
the
MOSFETs and the load. Locate the PWM controller
close to the MOSFETs.
The critical small signal components include the
bypass capacitor for VCC and the soft-start capacitor,
CSS. Locate these components close to their
connecting pins on the control IC. Minimize any
leakage current paths from any SS node, since the
internal current source is only 28
µA.
A multi-layer printed circuit board is recommended.
Fig.7
shows
the
connections
of
the
critical
components in the converter. Note that the capacitors
CIN and COUT each could represent numerous
physical capacitors. Dedicate one solid layer for a
ground plane and make all critical
component ground connections with vias to this layer.
Dedicate another solid layer as a power plane and
break this plane into smaller islands of common
voltage levels. The power plane should support the
input power and output power nodes. Use copper
filled polygons on the top and bottom circuit layers for
the PHASE node, but do not unnecessarily oversize
this particular island. Since the PHASE node is
subject to very high dV/dt voltages, the stray
capacitor formed between these island and the
surrounding circuitry will tend to couple switching
noise. Use the remaining printed circuit layers for
small signal wiring. The wiring traces from the control
IC to the MOSFET gate and source should be sized
to carry 2A peak currents.
Fig.7 Layout Planning
PWM1 Controller Feedback Compensation
The PWM controller uses voltage-mode control for
output
regulation.
An
internal
pole-zero
compensation scheme is used with an active
capacitor and a passive resistor shown in Fig.8. The
zero FZ1 is fixed at about 1kHz to compensate the
output ‘s LC pole FLC. The compensation is to
VCC
GND
OCSET
DRIVE2
UGATE
PHASE
LGATE
SS24
SS13
DRIVE3
DRIVE4
PGND
RT9238
LIN
CIN
+5VIN
+12V
CVCC
COCSET
+3.3VIN
Q3
VOUT2
COUT2
ROCSET
Q1
LOUT
VOUT1
COUT1
CR1
Q2
VOUT4
COUT4
Q5
Q4
COUT3
VOUT3
CSS24,13
ISLAND ON POWER PLANE LAYER
ISLAND ON CIRCUIT PLANE LAYER
VIA/THROUGH-HOLE CONNECTION TO GROUND PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com