Electronic Components Datasheet Search
  English  ▼

X  

RT9238CS Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # RT9238CS
Description  VRM 8.5 PWM AND TRIPLE LINEAR POWER SYSTEM CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9238CS Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button RT9238CS Datasheet HTML 10Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 11Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 12Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 13Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 14Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 15Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 16Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 17Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
RT9238
Preliminary
www.richtek-ic.com.tw
DS9238-01 July 2001
14
Fig.6 Current Limiting Setting
OUT1 Voltage Program
The output voltage of the PWM converter is
programmed to discrete levels between 1.090V and
1.865V which are shifted high 40mV from 1.050V to
1.825V for voltage droop gap tuning. This output
(OUT1) is designed to supply the core voltage of
Intel’s advanced microprocessors. The voltage
identification (VID) pins program an internal voltage
reference (DACOUT) with a TTL-compatible 5-bit
digital-to-analog converter (DAC). The level of
DACOUT also sets the PGOOD and OVP thresholds.
Table 1 specifies the DACOUT voltage for the
different combinations of connections on the VID
pins. The VID pins can be left open for a logic 1 input,
since they are internally pulled to the VAUX pin
through 5K
Ω resistors. Changing the VID inputs
during operation is not recommended and could
toggle the PGOOD signal and exercise the over-
voltage protection. The output voltage program is
Intel VRM8.5 compatible.
Table 1. VOUT1 Voltage Program
Pin Name
VID4
VID3
VID2
VID1
VID0
VID25
Normal OUT1 Voltage
DACOUT
00
10
00
1.050+40mV=1.090
00
10
01
1.075+40mV=1.115
00
01
10
1.100+40mV=1.140
00
01
11
1.125+40mV=1.165
00
01
00
1.150+40mV=1.190
00
01
01
1.175+40mV=1.215
00
00
10
1.200+40mV=1.240
00
00
11
1.225+40mV=1.265
00
00
00
1.250+40mV=1.290
00
00
01
1.275+40mV=1.315
01
11
10
1.300+40mV=1.340
01
11
11
1.325+40mV=1.365
01
11
00
1.350+40mV=1.390
01
11
01
1.375+40mV=1.415
01
10
10
1.400+40mV=1.440
01
10
11
1.425+40mV=1.465
01
10
00
1.450+40mV=1.490
01
10
01
1.475+40mV=1.515
01
01
10
1.500+40mV=1.540
To be continued
_
GATE
CONTROL
PWM
OC
DRIVE
VCC
UGATE
PHASE
ROCSET
OCSET
IOCSET
200
µA
VPHASE = VIN - VDS
VOCSET = VIN - VSET
VSET+
OVER-CURRENT TRIP:
VDS > VSET
iD ×R DS(ON) > IOCSET × ROCSET
VIN = +5V
iD
VDS+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com