Electronic Components Datasheet Search
  English  ▼

X  

RT9238CS Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # RT9238CS
Description  VRM 8.5 PWM AND TRIPLE LINEAR POWER SYSTEM CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9238CS Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button RT9238CS Datasheet HTML 11Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 12Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 13Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 14Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 15Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 16Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 17Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 18Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Preliminary
RT9238
DS9238-01 July 2001
www.richtek-ic.com.tw
15
Pin Name
VID4
VID3
VID2
VID1
VID0
VID25
Normal OUT1 Voltage
DACOUT
01
01
11
1.525+40mV=1.565
01
01
00
1.550+40mV=1.590
01
01
01
1.575+40mV=1.615
01
00
10
1.600+40mV=1.640
01
00
11
1.625+40mV=1.665
01
00
00
1.650+40mV=1.690
01
00
01
1.675+40mV=1.715
00
11
10
1.700+40mV=1.740
00
11
11
1.725+40mV=1.765
00
11
00
1.750+40mV=1.790
00
11
01
1.775+40mV=1.815
00
10
10
1.800+40mV=1.840
00
10
11
1.825+40mV=1.865
1
0
1
0
0
0
1.850+40mV=1.890
1
0
0
1
1
0
1.900+40mV=1.940
1
0
0
1
0
0
1.950+40mV=1.990
1
0
0
0
1
0
2.000+40mV=2.040
1
0
0
0
0
0
2.050+40mV=2.090
Notes: 0=connect to GND, 1=open or connect to 3.3V through pull up resistor
Application Guidelines
Soft-Start Interval
Initially, the soft-start function clamps the error
amplifier’s output of the PWM converter. This
generates PHASE pulses of increasing width that
charge the output capacitor(s). The resulting output
voltages start-up as shown in Fig.3.
The soft-start function controls the output voltage rate
of rise to limit the current surge at start-up. The soft-
start interval and the surge current are programmed
by the soft-start capacitor, CSS. Programming a
faster soft-start interval increases the peak surge
current. Using the recommended 0.1
µF soft start
capacitors ensure all output voltages ramp up to their
set values in a quick and controlled fashion, while
meeting the system timing requirements.
Shutdown
The PWM output does not switch until the soft-start
voltage (VSS13) exceeds the oscillator’s valley
voltage. Additionally, the reference on each linear’s
amplifier is clamped to the soft-start voltage. Holding
the SS24 pin low (with an open drain or open
collector signal) turns off regulators 1, 2 and 3.
Regulator 4 (MCH) will simply drop its output to the
intermediate soft-start level. This output is not
allowed to violate the 2V maximum potential gap to
the ATX 3.3V output.
Layout Considerations
MOSFETs switch very fast and efficiently. The speed
with which the current transitions from one device to
another
causes
voltage
spikes
across
the
interconnecting impedances and parasitic circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com