Electronic Components Datasheet Search
  English  ▼

X  

RT9238CS Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RT9238CS
Description  VRM 8.5 PWM AND TRIPLE LINEAR POWER SYSTEM CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9238CS Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RT9238CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 9Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 10Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 11Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
RT9238
Preliminary
www.richtek-ic.com.tw
DS9238-01 July 2001
8
VOUT1 vs. Temperature
-1
-0.6
-0.2
0.2
0.6
1
-40
-20
0
20
40
60
80
100
120
Temperature
VCC = 12V
(
°C)
VOUT2,3,4 vs. Temperature
-1
-0.6
-0.2
0.2
0.6
1
-40
-20
0
2040
6080
100
120
Temperature
VCC = 12V
(
°C)
T
T
T
1>
1>
1>
1>
2>
2>
2>
2>
1) Ch 1:
2 Volt 50 ns
2) Ch 2:
2 Volt 50 ns
Dead Time
LGATE1
UGATE1
T
T
T
1 >
1 >
1 >
1 >
2 >
2 >
2 >
2 >
1) Ch 1:
2 Volt 50 ns
2) Ch 2:
2 Volt 50 ns
Dead Time
LGATE1
UGATE1
T
T
T
1 >
1 >
1 >
1 >
2 >
2 >
2 >
2 >
1) Ch 1:
5 Volt 25 ms
2) Ch 2:
2 Volt 25 ms
VOUT2,3,4 Short
FAULT
Time
SS13,24
Time
Time
T
T
T
T
T
1 >
1 >
1 >
1 >
2 >
2 >
2 >
2 >
3 >
3 >
3 >
3 >
1) Ch 1:
5 Volt 25 ms
2) Ch 2:
2 Volt 25 ms
3) Ref A:
5 Volt 25 ms
VOUT1 Short
LGATE1
Time
SS13,24
UGATE1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com