Electronic Components Datasheet Search
  English  ▼

X  

RT9238CS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RT9238CS
Description  VRM 8.5 PWM AND TRIPLE LINEAR POWER SYSTEM CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9238CS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RT9238CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 9Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
RT9238
Preliminary
www.richtek-ic.com.tw
DS9238-01 July 2001
6
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Linear Regulators (VOUT2, VOUT3, and VOUT4)
VSEN3,4 Voltage Regulation
VREG2,3,4 FIX = 0V
1.240 1.265 1.290
V
VSEN2 Regulation Voltage
VREG2
1.180 1.200 1.240
V
VSEN3 Regulation Voltage
VREG3
FIX = open
1.455 1.500 1.545
V
VSEN3 Bias Current
IBVSEN3
FIX = open
--
260
--
µA
VSEN4 Regulation Voltage
VREG4
FIX = open
1.746 1.800 1.854
V
VSEN4 Bias Current
IBVSEN4
FIX = open
--
350
--
µA
Under-Voltage Level
(All Linears) (VSEN/VREG)
VSEN3,4 Rising
--
75
--
%
Under-Voltage Hysteresis
(All Linears) (VSEN/VREG)
VSEN3,4 Falling
--
100
--
mV
Output Drive Current (All Linears)
VAUX – VDRIVER2,3,4 > 0.6V
20
40
--
mA
Synchronous PWM Controller Error Amplifier
DC Gain
--
65
--
dB
PWM Controller Gate Driver
UGATE Source
RUGATE1
VCC = 12V
VCC-VUGATE1 = 1V
--
4
7
Ω
UGATE Sink
RUGATE1 VUGATE1 = 1V
--
3
7
Ω
LGATE Source
ILGATE1
VCC = 12V, VLGATE1 = 2V
--
1
--
A
LGATE Sink
RLGATE1
VLGATE1 = 1V
--
2
6
Ω
Protection
VOUT1 Over-Voltage Trip
FB1 Rising
112
118
125
%
FAULT Souring Current
VFAULT = 8V
510
--
mA
OCSET1 Current Source
IOCSET
VOCSET1 = 4.5V
170
200
230
µA
Soft-Start Current
ISS13,24
VSS13,SS24 = 2V
--
28
--
µA
Power Good
VOUT1 Upper Threshold
FB1 Rising
108
--
112
%
VOUT1 Under Voltage
FB1 Rising
87
--
92
%
VOUT1 Hysteresis (FB1/DACOUT)
Upper/Lower Threshold
--
2
--
%
VTTPG Upper Threshold
VSEN2 Rising
--
1.08
--
V
VTTPG Delay Threshold
SS13 Rising
--
1.25
--
V
VTTPG Voltage Low
VVTTPG
IVTTPG = -4mA
--
--
0.5
V
PGOOD Voltage Low
VPGOOD
IPGOOD = -4mA
--
--
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com