Electronic Components Datasheet Search
  English  ▼

X  

RT9238CS Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # RT9238CS
Description  VRM 8.5 PWM AND TRIPLE LINEAR POWER SYSTEM CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9238CS Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button RT9238CS Datasheet HTML 14Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 15Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 16Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 17Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 18Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 19Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 20Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 21Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
RT9238
Preliminary
www.richtek-ic.com.tw
DS9238-01 July 2001
18
Fig.13, 14 shown the ISENSE and VCORE wave
forms.
Fig.13 ISENSE Current
Fig.14 VCORE Wave Form at Load Transient
Component Selection Guidelines
Output Capacitor Selection
The output capacitors for each output have unique
requirements. In general the output capacitors should
be selected to meet the dynamic regulation
requirements. Additionally, the PWM converter
requires an output capacitor to filter the current ripple.
The load transient for the microprocessor core
requires high quality capacitors to supply the high
slew rate (di/dt) current demands.
PWM Output Capacitors
Modern microprocessors produce transient load rates
above 1A/ns. High frequency capacitors initially
supply the transient current and slow the load rate-of-
change seen by the bulk capacitors. The bulk filter
capacitor values are generally determined by the
ESR (effective series resistance) and voltage rating
requirements
rather
than
actual
capacitance
requirements.
High frequency decoupling capacitors should be
placed as close to the power pins of the load as
physically possible. Be careful not to add inductance
in the circuit board wiring that could cancel the
usefulness of these low inductance components.
Consult with the manufacturer of the load on specific
decoupling requirements.
Use only specialized low-ESR capacitors intended for
switching-regulator
applications
for
the
bulk
capacitors. The bulk capacitor’s ESR determines the
output ripple voltage and the initial voltage drop
following a high slew-rate transient’s edge. An
aluminum electrolytic capacitor’s ESR value is related
to the case size with lower ESR available in larger
case
sizes.
However,
the
equivalent
series
inductance (ESL) of these capacitors increases with
case size and can reduce the usefulness of the
capacitor to high
slew-rate
transient
loading.
Unfortunately, ESL is not a specified parameter.
Work with your capacitor supplier and measure the
capacitor’s impedance with frequency to select a
suitable
component.
In
most
cases,
multiple
electrolytic capacitors of small case size perform
better than a single large case capacitor.
Linear Output Capacitors
The output capacitors for the linear regulators provide
dynamic load current. Thus capacitors COUT2, COUT3,
and COUT4 should be selected for transient load
regulation.
PWM Output Inductor Selection
The PWM converter requires an output inductor. The
output inductor is selected to meet the output voltage
ripple requirements and sets the converter’s
Time
1.6ms
1.8ms
2.0ms
0
µA
-20
µA
-40
µA
-60
µA
-80
µA
Time
Time
1.6ms
1.8ms
2.0ms
2.2ms
1.3V
1.2V
1.4V
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com