Electronic Components Datasheet Search
  English  ▼

X  

70T653MS12BCGI Datasheet(PDF) 17 Page - Integrated Device Technology

Part # 70T653MS12BCGI
Description  HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T653MS12BCGI Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button 70T653MS12BCGI Datasheet HTML 13Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 14Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 15Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 16Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 17Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 18Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 19Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 20Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 21Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
IDT70T653M
High-Speed 2.5V 512K x 36 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Truth Table III — Interrupt Flag(1,4)
Waveform of Interrupt Timing(1)
NOTES:
1. All timing is the same for left and right ports. Port “A” may be either the left or right port. Port “B” is the port opposite from port “A”.
2. Refer to Interrupt Truth Table.
3. CEX = VIL means CE0X = VIL and CE1X = VIH. CEX = VIH means CE0X = VIH and/or CE1X = VIL.
4. Timing depends on which enable signal (CE or R/W) is asserted last.
5. Timing depends on which enable signal (CE or R/W) is de-asserted first.
NOTES:
1. Assumes BUSYL = BUSYR =VIH. CE0X = VIL and CE1X = VIH.
2. If BUSYL = VIL, then no change.
3. If BUSYR = VIL, then no change.
4. INTL and INTR must be initialized at power-up.
5679 drw 18
ADDR"A"
INTERRUPT SET ADDRESS
CE"A"(3)
R/
W"A"
tAS
tWC
tWR
(4)
(5)
tINS
(4)
INT"B"
(2)
.
5679 drw 19
ADDR"B"
INTERRUPT CLEAR ADDRESS
CE"B"(3)
OE"B"
tAS
tRC
(4)
tINR
(4)
INT"B"
(2)
.
Left Port
Right Port
Function
R/WL
CEL
OEL
A18L-A0L
INTL
R/WR
CER
OER
A18R-A0R
INTR
L
L
X
7FFFF
XX
XX
X
L(2)
Set Right INTR Flag
X
X
X
X
X
X
L
L
7FFFF
H(3)
Reset Right INTR Flag
XX
X
X
L(3)
L
L
X
7FFFE
X
Set Left INTL Flag
X
L
L
7FFFE
H(2)
X
X
X
X
X
Reset Left INTL Flag
5679 tbl 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com