Electronic Components Datasheet Search
  English  ▼

X  

70T653MS12BCGI Datasheet(PDF) 15 Page - Integrated Device Technology

Part # 70T653MS12BCGI
Description  HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T653MS12BCGI Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button 70T653MS12BCGI Datasheet HTML 11Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 12Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 13Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 14Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 15Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 16Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 17Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 18Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
IDT70T653M
High-Speed 2.5V 512K x 36 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
NOTES:
1. Port-to-port delay through RAM cells from writing port to reading port, refer to Timing Waveform of Write with Port-to-Port Read.
2. To ensure that the earlier of the two ports wins.
3. tBDD is a calculated parameter and is the greater of the Max. spec, tWDD – tWP (actual), or tDDD – tDW (actual).
4. To ensure that the write cycle is inhibited on port "B" during contention on port "A".
5. To ensure that a write cycle is completed on port "B" after contention on port "A".
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range
Symbol
Parameter
70T653MS10
Com'l Only
70T653MS12
Com'l
& Ind
70T653MS15
Com'l Only
Unit
Min.
Max.
Min.
Max.
Min.
Max.
BUSY
TIMING
tWB
BUSY
Input to Write(4)
0
____
0
____
0
____
ns
tWH
Write Hold After BUSY(5)
7
____
9
____
12
____
ns
PORT-TO-PORT DELAY TIMING
tWDD
Write Pulse to Data Delay(1)
____
14
____
16
____
20
ns
tDDD
Write Data Valid to Read Data Delay(1)
____
14
____
16
____
20
ns
5679 tbl 15
Symbol
Parameter
70T65M3S10
Com'l Only
70T653MS12
Com'l
& Ind
70T6539MS15
Com'l Only
Min.
Max.
Min.
Max.
Min.
Max.
SLEEP MODE TIMING (ZZx=VIH)
tZZS
Sleep Mode Set Time
10
____
12
____
15
____
tZZR
Sleep Mode Reset Time
10
____
12
____
15
____
tZZPD
Sleep Mode Power Down Time(4)
10
____
12
____
15
____
tZZPU
Sleep Mode Power Up Time(4)
____
0
____
0
____
0
5679 tbl 15a
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(1,2,3)
NOTES:
1. Timing is the same for both ports.
2. The sleep mode pin shuts off all dynamic inputs, except JTAG inputs, when asserted. OPTx, INTx and the sleep mode pins themselves (ZZx) are not affected
during sleep mode. It is recommended that boundary scan not be operated during sleep mode.
3. These values are valid regardless of the power supply level selected for I/O and control signals (3.3V/2.5V). See page 6 for details.
4. This parameter is guaranteed by device characterization, but is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com