Electronic Components Datasheet Search
  English  ▼

X  

70T653MS12BCGI Datasheet(PDF) 23 Page - Integrated Device Technology

Part # 70T653MS12BCGI
Description  HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T653MS12BCGI Datasheet(HTML) 23 Page - Integrated Device Technology

Back Button 70T653MS12BCGI Datasheet HTML 16Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 17Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 18Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 19Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 20Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 21Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 22Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 23Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 24Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
23
IDT70T653M
High-Speed 2.5V 512K x 36 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Identification Register Definitions
Instruction Field Array B
Value
Array B
Instruction Field Array A
Value
Array A
Description
Revision Number (31:28)
0x0
Revision Number (63:60)
0x0
Reserved for Version number
IDT Device ID (27:12)
0x33B
IDT Device ID (59:44)
0x33B
Defines IDT Part number
IDT JEDEC ID (11:1)
0x33
IDT JEDEC ID (43:33)
0x33
Allows unique identification of device vendor as IDT
ID Register Indicator Bit (Bit 0)
1
ID Register Indicator Bit (Bit 32)
1
Indicates the presence of an ID Register
5679 tbl 21
Scan Register Sizes
Register Name
Bit Size
Array A
Bit Size
Array B
Bit Size
70T653M
Instruction (IR)
4
4
8
Bypass (BYR)
1
1
2
Identification (IDR)
32
32
64
Boundary Scan (BSR)
Note (3)
Note (3)
Note (3)
5679 tbl 22
System Interface Parameters
Instruction
Code
Description
EXTEST
00000000
Forces contents of the boundary scan cells onto the device outputs(1).
Places the boundary scan register (BSR) between TDI and TDO.
BYPASS
11111111
Places the bypass register (BYR) between TDI and TDO.
IDCODE
00100010
Loads the ID register (IDR) with the vendor ID code and places the
register between TDI and TDO.
HIGHZ
01000100
Places the bypass register (BYR) between TDI and TDO. Forces all
device output drivers to a High-Z state.
CLAMP
00110011
Uses BYR. Forces contents of the boundary scan cells onto the device
outputs. Places the bypass register (BYR) between TDI and TDO.
SAMPLE/PRELOAD
00010001
Places the boundary scan register (BSR) between TDI and TDO.
SAMPLE allows data from device inputs(2) and outputs(1) to be captured
in the boundary scan cells and shifted serially through TDO. PRELOAD
allows data to be input serially into the boundary scan cells via the TDI.
RESERVED
All Other Codes
Several combinations are reserved. Do not use codes other than those
identified above.
5679 tbl 23
NOTES:
1. Device outputs = All device outputs except TDO.
2. Device inputs = All device inputs except TDI, TMS, TCK and TRST.
3. The Boundary Scan Descriptive Language (BSDL) file for this device is available on the IDT website (www.idt.com), or by contacting your local
IDT sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com