Electronic Components Datasheet Search
  English  ▼

X  

70T653MS12BCGI Datasheet(PDF) 24 Page - Integrated Device Technology

Part # 70T653MS12BCGI
Description  HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T653MS12BCGI Datasheet(HTML) 24 Page - Integrated Device Technology

Back Button 70T653MS12BCGI Datasheet HTML 16Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 17Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 18Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 19Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 20Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 21Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 22Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 23Page - Integrated Device Technology 70T653MS12BCGI Datasheet HTML 24Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
IDT70T653M
High-Speed 2.5V 512K x 36 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
24
Ordering Information
A
999
A
A
I(1)
Standard Power
18Mbit (512K x 36) Asynchronous Dual-Port RAM
256-ball BGA (BC-256)
5679 drw 25
Commercial Only
Commercial & Industrial
Commercial Only
S
70T653M
BC
10
12
15
Device
Type
Power
Speed
Package
Process/
Temperature
Range
Blank
Commercial (0 C to +70 C)
Industrial (-40 C to +85 C)
Speed in nanoseconds
A
G(2)
Green
A
8
Blank
Tube or Tray
Tape and Reel
XXXXX
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
Datasheet Document History:
10/08/03: InitialDatasheet
10/20/03: Page 1 Added "Includes JTAG functionality" to features
Page 13 Corrected tARF to 1.5V/ns Min
09/28/04: Removed "Preliminary" status
Page 11 Updated Timing Waveform of Write Cycle No. 1, R/W Controlled Timing
Page 21 Added JTAG Configuration and JTAG Functionality descriptions
Page 1 & 24 Replaced old
 logo with the new TM logo
06/30/05: Page 1 Added green availability to features
Page 24 Added green indicator to ordering information
07/25/08: Page 7 Corrected a typo in the DC Chars table
01/19/09: Page 24 Removed "IDT" from orderable part number
06/15//15: Page 3 Removed the date from the BC256 pin configuration
Page 24 Added Tape and Reel indicators and added footnote annotations to the Ordering Information
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
408-284-2794
San Jose, CA 95138
fax: 408-284-2775
DualPortHelp@idt.com
www.idt.com
NOTE:
1. Contactyourlocalsalesofficeforindustrialtemprangeforotherspeeds,packagesandpowers.
2. Greenpartsavailable.Forspecificspeeds,packagesandpowerscontactyourlocalsalesoffice
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com