Electronic Components Datasheet Search
  English  ▼

X  

34C60 Datasheet(PDF) 12 Page - SMSC Corporation

Part # 34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

34C60 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button 34C60 Datasheet HTML 8Page - SMSC Corporation 34C60 Datasheet HTML 9Page - SMSC Corporation 34C60 Datasheet HTML 10Page - SMSC Corporation 34C60 Datasheet HTML 11Page - SMSC Corporation 34C60 Datasheet HTML 12Page - SMSC Corporation 34C60 Datasheet HTML 13Page - SMSC Corporation 34C60 Datasheet HTML 14Page - SMSC Corporation 34C60 Datasheet HTML 15Page - SMSC Corporation 34C60 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
SMSC DS – PPC34C60
Page 12
Rev. 06/01/2001
ADVANCED INFORMATION
2 PPC34C60 BLOCK DESCRIPTION
The PPC34C60 can be broken down into eight functional blocks as shown in FIGURE 1.
The PPC34C60 implements and complies with the Daisy Chain Specification (Reference 3) through the Daisy Chain
Protocol block. Under the Daisy Chain protocol, the PPC34C60 operates in either Pass-Through or Selected mode.
Pass-Through mode is the power up default, and is electrically transparent to devices further down the chain. When in
Pass-Through mode, the Data Switch gates the control and status lines of the parallel port to the Pass-Through port.
Selected mode connects the System Interface bus to the parallel port. When in Selected mode, the Data Switch gates the
control and status lines to the PPC34C60's Protocol Translator functional block.
The Protocol Translator block gives the PPC34C60 its capability to communicate with the parallel port in either SPP, EPP,
or ECP mode. The Protocol Translator interprets the Multiport Access Protocol (MAP) packets described in the Daisy Chain
Specification (Reference 3). The MAP packets and command codes are described in the Daisy Chain Command Protocol.
The Protocol Translator also decodes the type of parallel port transfer (ie. Address Write/Data Read_Write Cycle) and
provides the proper control of the data to the Registers and Control block and to the Bus Interface block. The PPC34C60's
internal registers, contained in the Register and Control block, control the operation of the chip's internal DRAM Controller,
DMA Controller, and Watchdog Controller. The Bus Interface block controls data transfers between the Parallel Port and
the peripheral's System Interface Bus. The MUX block routes data and control signals to the System Interface.
FIGURE 1 - INTERNAL BLOCK DIAGRAM
Daisy
Chain
P rotocol
Data
Switch
P rotocol
Translator
SPP
EPP
ECP
A_STB
B_STB
Registers
and
Control
Bus
Interface
DRAM
C ontroller
DM A
C ontroller
WDOG
& Piezo
Counters
MU X
SYSTEM
IN TE R FACE
S P E AKE R
Host
Parallel
Port
Pass-Through
Port
nHSTB
nHALF
nHSEL
nHINIT
nHACK
HBSY
HPE
HSLCT
nHERR
HD[0:7]
nPSTB
nPALF
nPSEL
nPINIT
nPACK
PBSY
PPE
PSLCT
nPERR
HD[0:7]
SLCTD
nRESET
SENSE
TEST
nDACK
TC
DREQ
nRAS
nCAS
nDIR
nPID
IN[0:3]
nST[0:2]
nCS[0:3]
SRST
nSRST
SA[0:7]
MA[8:9]
SD[0:15]
nSRD
nSWR
nIO 16
IRQ
XIN, XOUT
YIN, YOUT,
nWDOGEN, PIEZO
nLBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com