Electronic Components Datasheet Search
  English  ▼

X  

34C60 Datasheet(PDF) 22 Page - SMSC Corporation

Part # 34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

34C60 Datasheet(HTML) 22 Page - SMSC Corporation

Back Button 34C60 Datasheet HTML 18Page - SMSC Corporation 34C60 Datasheet HTML 19Page - SMSC Corporation 34C60 Datasheet HTML 20Page - SMSC Corporation 34C60 Datasheet HTML 21Page - SMSC Corporation 34C60 Datasheet HTML 22Page - SMSC Corporation 34C60 Datasheet HTML 23Page - SMSC Corporation 34C60 Datasheet HTML 24Page - SMSC Corporation 34C60 Datasheet HTML 25Page - SMSC Corporation 34C60 Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
SMSC DS – PPC34C60
Page 22
Rev. 06/01/2001
ADVANCED INFORMATION
SOUND REGISTER - 0011 (Write Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FREQ
LTONE
STONE
SQULCH
rsvrd
rsvrd
rsvrd
rsvrd
These bits allow the piezo driver to generate tones under program control.
Bits 0-3:rsvrd
These bits are reserved and should be written as zeros.
Bit 4:SQULCH
Setting this bit terminates currently active low battery tones. If the low battery input (Pin 35) goes high, and then low again
after this bit is set, low battery tones will resume. In order to squelch these low battery tones, this bit simply needs to be
re-written with a logic "1".
Bit 5:STONE
Setting this bit generates a 1/8 second tone. This bit self-clears after the tone is generated and when set again will
generate another 1/8 second tone.
Bit 6:LTONE
Setting this bit generates a 1/2 second tone. This bit self-clears after the tone is generated and when set again will
generate another 1/2 second tone.
Bit 7:FREQ
This bit selects the Nominal frequency for the piezo driver circuit. 0 selects 2KHz, 1 selects 4 KHz .
INPUT REGISTER - 0011 (Read Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LOBATT
IRQ
IRQ
LATCH
QIC-80
IN3
IN2
IN1
IN0
The PPC34C60 has six Input pins, of which two are dedicated and four are uncommitted. The Input Register provides the
Host with bit access to each of these input pins. Bit 4 is a special purpose bit useful for QIC-80 tape drive peripherals.
Bit 0:IN0 (Pin 82)
This bit represents the current state of the uncommitted input pin IN0.
Bit 1:IN1 (Pin 83)
This bit represents the current state of the uncommitted input pin IN1.
Bit 2:IN2 (Pin 37)
This bit represents the current state of the uncommitted input pin IN2.
Bit 3:IN3 (Pin 36)
This bit represents the current state of the uncommitted input pin IN3.
Bit 4:QIC-80
This bit will be set if more than 2.5ms have passed since the last rising edge of IRQ (pin 48). This function is designed for
QIC-80 tape drives that require 2.5ms between the completion of one command and the start of a subsequent command.
Bit 5:IRQ LATCH
This bit is used to latch an interrupt request event and is enabled by setting INTEN (bit 6 of the Operation Register). When
enabled this bit is set by a rising edge on the IRQ pin (Pin 48), and cleared by setting INTCLR (bit 7of the Operation
Register), or by following a Clear Interrupt command from the Daisy Chain control packet (see the Daisy Chain
Specification - Reference 3).
Bit 6:IRQ (Pin 48)
This bit represents the current state of the IRQ pin.
Bit 7:LOBATT (Pin 35)
This bit represents the current state of the LOBATT input. When low, the piezo driver circuitry will provide a "low battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com