Electronic Components Datasheet Search
  English  ▼

X  

34C60 Datasheet(PDF) 8 Page - SMSC Corporation

Part # 34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

34C60 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button 34C60 Datasheet HTML 4Page - SMSC Corporation 34C60 Datasheet HTML 5Page - SMSC Corporation 34C60 Datasheet HTML 6Page - SMSC Corporation 34C60 Datasheet HTML 7Page - SMSC Corporation 34C60 Datasheet HTML 8Page - SMSC Corporation 34C60 Datasheet HTML 9Page - SMSC Corporation 34C60 Datasheet HTML 10Page - SMSC Corporation 34C60 Datasheet HTML 11Page - SMSC Corporation 34C60 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
SMSC DS – PPC34C60
Page 8
Rev. 06/01/2001
ADVANCED INFORMATION
DESCRIPTION OF PIN FUNCTIONS
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
SYSTEM (REGENERATED ISA PERIPHERAL) INTERFACE
96
97
System
Clock/Crystal
XIN (SCLK)
XOUT
I
O8
XIN may be connected to a ttl peripheral
system clock or a crystal may be placed
across XIN/XOUT (typically 24MHz).
This is used to derive the internal clock
(BUSCLK) used for all system interface
timing.
80-73
System
Address
[0:7]
SA[0:7]
O8
These lower eight address bits are
presented to the system bus directly by
the PPC34C60 during bus and DRAM
access. Upper address bits, if needed,
should be latched through use of the
PPC34C60's
strobe
lines
prior
to
generating bus accesses.
70,69
Memory
Address
[8,9]
MA[8:9]
O8
These address bits are appended to
SA[0:7] to create a 10-bit row or column
address for DRAM access.
68-61,
58-51
System Data [0:15] SD[0:15]
I/O8,
PU
These bi-directional pins are used to
transfer data during bus or DRAM cycles
to or from the system.
88
nSystem Read
nSRD
O8
This indicates that a bus read cycle is
occurring, similar to an ISA MEMR signal.
89
nSystem Write
nSWR
O8
This indicates that a bus write cycle is
occurring, similar to an ISA MEMW
signal.
81
n16-Bit I/O
nIO16
I, PU
This signal is asserted by the remote
system to indicate whether or not the
address being accessed is capable of a
16-bit transfer.
48
Interrupt Request
IRQ
I, PU
This rising edge activated signal indicates
an interrupt request from the System.
94
nSystem Reset
nSRST
O8
This low going signal can be used to
reset the System. This signal is asserted
for 16 SCLKs.
95
System Reset
SRST
O8
This high going signal can be used to
reset the System. This signal is asserted
for 16 SCLKs.
92
nRow
Address
Strobe
nRAS
O8
This low going strobe signal is used by
the DRAM to latch the row address,
present on the SA[0:7] and MA[8:9] pins.
This output drives the DRAM directly,
however
a
series
resistor
is
recommended on this line.
93
nColumn Address
Strobe
nCAS
O8
This low going strobe signal is used by
the DRAM to latch the column address,
present on the SA[0:7] and MA[8:9] pins.
This output drives the DRAM directly,
however
a
series
resistor
is
recommended on this line.
45
nDMA
Acknowledge
nDACK
O8
This active low output signal is issued to
inform the System that data is to be
transferred using DMA transfer cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com