Electronic Components Datasheet Search
  English  ▼

X  

34C60 Datasheet(PDF) 7 Page - SMSC Corporation

Part # 34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

34C60 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button 34C60 Datasheet HTML 3Page - SMSC Corporation 34C60 Datasheet HTML 4Page - SMSC Corporation 34C60 Datasheet HTML 5Page - SMSC Corporation 34C60 Datasheet HTML 6Page - SMSC Corporation 34C60 Datasheet HTML 7Page - SMSC Corporation 34C60 Datasheet HTML 8Page - SMSC Corporation 34C60 Datasheet HTML 9Page - SMSC Corporation 34C60 Datasheet HTML 10Page - SMSC Corporation 34C60 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
SMSC DS – PPC34C60
Page 7
Rev. 06/01/2001
ADVANCED INFORMATION
DESCRIPTION OF PIN FUNCTIONS
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
19
nPass-Through:
SelectIn
nPSEL
O16
This active low output selects the printer.
Connects to the SELECT IN input on the
next device along the chain. Refer to
Section 4 of the IEEE STD 1284
(Reference 1) for use of this pin in ECP
and EPP modes.
23
nPass-Through:
Initiate
nPINIT
O16
This active low output initiates the printer
when low. Connects to the INIT input on
the next device along the chain. Refer to
Section 4 of the IEEE STD 1284
(Reference 1) for use of this pin in ECP
and EPP modes.
12
nPass-Through:
Acknowledge
nPACK
I, PU
This active low input from the printer is
used to indicate that the printer has
received the data and is ready to accept
new data. Connects to the ACK output
from the next device along the chain.
Refer to Section 4 of the IEEE STD 1284
(Reference 1) for use of this pin in ECP
and EPP modes.
7
Pass-Through:
Busy
PBSY
I, PU
This status input, generated by the printer
goes high to indicate that it is not ready to
receive new data from the Pass-Through.
Connects to the BUSY output from the
next device along the chain. Refer to
Section 4 of the IEEE STD 1284
(Reference 1) for use of this pin in
ECP/EPP modes.
4
Pass-Through:
Paper End
PPE
I, PU
This status input, generated by the
printer, goes high to indicate that the
printer is out of paper. Connects to the
PERROR output from the next device
along the chain. Refer to Section 4 of the
IEEE STD 1284 (Reference 1) for use of
this pin in ECP and EPP modes.
1
Pass-Through:
Printer Selected
PSLCT
I, PU
This status input, generated by the
printer, goes high to indicate that the
printer is selected.
Connects to the
SELECT output from the next device
along the chain. Refer to Section 4 of the
IEEE STD 1284 (Reference 1) for use of
this pin in ECP/EPP modes.
25
nPass-Through:
Printer Error
nPERR
I, PU
This status output, generated by the
printer, goes low to indicate an error
condition at the printer. Connects to the
ERROR output from the next device
along the chain. Refer to Section 4 of the
IEEE STD 1284 (Reference 1) for use of
this pin in ECP and EPP modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com