Electronic Components Datasheet Search
  English  ▼

X  

34C60 Datasheet(PDF) 35 Page - SMSC Corporation

Part # 34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

34C60 Datasheet(HTML) 35 Page - SMSC Corporation

Back Button 34C60 Datasheet HTML 31Page - SMSC Corporation 34C60 Datasheet HTML 32Page - SMSC Corporation 34C60 Datasheet HTML 33Page - SMSC Corporation 34C60 Datasheet HTML 34Page - SMSC Corporation 34C60 Datasheet HTML 35Page - SMSC Corporation 34C60 Datasheet HTML 36Page - SMSC Corporation 34C60 Datasheet HTML 37Page - SMSC Corporation 34C60 Datasheet HTML 38Page - SMSC Corporation 34C60 Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
SMSC DS – PPC34C60
Page 35
Rev. 06/01/2001
ADVANCED INFORMATION
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
Output Leakage
IOL
-10
+10
µA
VIN = 0 to VCC
O8 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 8 mA
IOH = -4 mA
VIN = 0 to VCC
O16 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 16 mA
IOH = -12 mA
VIN = 0 to VCC
O24 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 24 mA
IOH = -12 mA
VIN = 0 to VCC
Supply Current Active
ICC
80
mA
All outputs open.
CAPACITANCE TA = 25
oC; fc = 1MHz; VCC = 5V
LIMITS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Clock Input Capacitance
CIN
20
pF
All pins except pin
under test tied to AC
ground
Input Capacitance
CIN
10
pF
Output Capacitance
COUT
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com