Electronic Components Datasheet Search
  English  ▼

X  

34C60 Datasheet(PDF) 37 Page - SMSC Corporation

Part # 34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

34C60 Datasheet(HTML) 37 Page - SMSC Corporation

Back Button 34C60 Datasheet HTML 33Page - SMSC Corporation 34C60 Datasheet HTML 34Page - SMSC Corporation 34C60 Datasheet HTML 35Page - SMSC Corporation 34C60 Datasheet HTML 36Page - SMSC Corporation 34C60 Datasheet HTML 37Page - SMSC Corporation 34C60 Datasheet HTML 38Page - SMSC Corporation 34C60 Datasheet HTML 39Page - SMSC Corporation 34C60 Datasheet HTML 40Page - SMSC Corporation 34C60 Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
SMSC DS – PPC34C60
Page 37
Rev. 06/01/2001
ADVANCED INFORMATION
ECP Mode
The ECP interface requests a reverse transfer by disabling the data line drivers, then lowering Inet (HINIT). The
PPC34C60 acknowledges the reverse transfer by lowering PError (HPE), and driving the data lines. When the PPC34C60
has data ready, it will lower Ack (HACK). The ECP chip will respond by raising Auto LF (HALF). The PPC34C60 then
raises Ack, signaling the ECP chip to latch the data. The ECP chip then terminates the cycle by lowering Auto LF.
TIMING SYMBOL
PPC34C60 PIN NAME
PIN NUMBER
HD[0:7]
HD[0:7]
5,8,13,15-18,20
nSTB
nHSTB
2
nALF
nHALF
3
nSEL
nHSEL
14
nINIT
nHINIT
11
BSY
HBSY
26
nACK
nHACK
24
PE
HPE
28
SLCT
HSLCT
30
nERR
nHERR
6
FIGURE 11 - SPP ADDRESS WRITE TIMING (PARALLEL PORT SIGNALS)
All timing for SCLK = 24MHz.
This signaling sequence pertains to a device that has been previously selected to communicate via SPP Mode. This timing
sequence is not specified in the P1284 specification; it should not violate the P1284 spec.
See SPP Address Write Timing Parameters.
t1
t5
t6
t2
t4
t3
HD[0:7]
nSTB H
nALF H
nSEL H
nINIT H
BSY P
nACK P
PE P
SLCT P
nERR P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com