Electronic Components Datasheet Search
  English  ▼

X  

34C60 Datasheet(PDF) 38 Page - SMSC Corporation

Part # 34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

34C60 Datasheet(HTML) 38 Page - SMSC Corporation

Back Button 34C60 Datasheet HTML 34Page - SMSC Corporation 34C60 Datasheet HTML 35Page - SMSC Corporation 34C60 Datasheet HTML 36Page - SMSC Corporation 34C60 Datasheet HTML 37Page - SMSC Corporation 34C60 Datasheet HTML 38Page - SMSC Corporation 34C60 Datasheet HTML 39Page - SMSC Corporation 34C60 Datasheet HTML 40Page - SMSC Corporation 34C60 Datasheet HTML 41Page - SMSC Corporation 34C60 Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
SMSC DS – PPC34C60
Page 38
Rev. 06/01/2001
ADVANCED INFORMATION
SPP ADDRESS WRITE TIMING (PARALLEL PORT SIGNALS)
PARAMETER
MIN
TYP
MAX
UNITS
t1
nINIT controls the direction of the parallel
port when in SPP mode. NINIT deasserted
to HD[0:7] released to high impedance by
the PPC34C60.
84
[2 SCLK]
125
[3 SCLK]
ns
t2
The Host can now drive HD[0:7] with an
address byte and then strobe it into the
PPC34C60 by asserting the nSEL signal.
This time represents the address setup
time required by the PPC34C60.
125
[3 SCLK]
ns
t3
Typically the address written to the
PPC34C60 is an instruction detailing the
type of transfer to follow (i.e., Data
Read/Write to DRAM, Bus, Register).
Thus, once this address is received by the
PPC34C60, it asserts the BSY signal to
indicate that it is preparing for the
upcoming transfer. This time represents
the time for BSY to assert from the
assertion of nSEL.
167
[4 SCLK]
208
[5 SCLK]
ns
t4
nSEL pulse width. This time represents
the duration that nSEL must be asserted in
order for the PPC34C60 to recognize an
edge.
125
[3 SCLK]
ns
t5
The Host is required to hold the address
valid for this amount of time following
assertion of the nSEL line.
167
[4 SCLK]
ns
t6
nINIT controls the direction of the parallel
port when in SPP mode. nINIT may be
asserted anytime after the address hold
time (t5) has been satisfied.
This time
represents the time from nINIT asserted to
HD[0:7] driven by the PPC34C60.
84
[2 SCLK]
125
[3 SCLK]
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com