Electronic Components Datasheet Search
  English  ▼

X  

34C60 Datasheet(PDF) 6 Page - SMSC Corporation

Part # 34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

34C60 Datasheet(HTML) 6 Page - SMSC Corporation

Back Button 34C60 Datasheet HTML 2Page - SMSC Corporation 34C60 Datasheet HTML 3Page - SMSC Corporation 34C60 Datasheet HTML 4Page - SMSC Corporation 34C60 Datasheet HTML 5Page - SMSC Corporation 34C60 Datasheet HTML 6Page - SMSC Corporation 34C60 Datasheet HTML 7Page - SMSC Corporation 34C60 Datasheet HTML 8Page - SMSC Corporation 34C60 Datasheet HTML 9Page - SMSC Corporation 34C60 Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
SMSC DS – PPC34C60
Page 6
Rev. 06/01/2001
ADVANCED INFORMATION
DESCRIPTION OF PIN FUNCTIONS
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
30
Host:Printer
Selected
HSLCT
O16
This status output, generated by the
printer, goes high to indicate that the
printer is selected.
Connects to the
SELECT input to the Host.
Refer to
Section 4 of the IEEE STD 1284
(Reference 1) for use of this pin in ECP
and EPP modes.
6
nHost:Printer Error
nHERR
O16
This status output, generated by the
printer, goes low to indicate an error
condition at the printer. Connects to the
ERROR input to the Host.
Refer to
Section 4 of the IEEE STD 1284
(Reference 1) for use of this pin in ECP
and EPP modes.
5,8,13,15
-18, 20
Host:Data[0:7]
HD[0:7]
I/O16,
PU
Parallel port bi-directional data bus
connected to host system is used by
SPP, ECP and EPP to transfer data
between the host CPU and peripherals.
Refer to Section 4 of the IEEE STD 1284
(Reference 1) for use of this pin in ECP
and EPP modes.
PARALLEL PORT PASS-THROUGH INTERFACE PINS
29
nPass-Through:
Strobe
nPSTB
O16
An active low pulse on this output is used
to strobe printer data into the printer.
Connects to the STROBE input on the
next device along the chain. Refer to
Section 4 of the IEEE STD 1284
(Reference 1) for use of this pin in ECP
and EPP modes.
27
nPass-Through:
Auto Line Feed
nPALF
O16
This output goes low to cause the printer
to automatically feed one line after each
line is printed. Connects to the AUTOFD
input on the next device along the chain.
Refer to Section 4 of the IEEE STD 1284
(Reference 1) for use of this pin in ECP
and EPP modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com