Electronic Components Datasheet Search
  English  ▼

X  

34C60 Datasheet(PDF) 45 Page - SMSC Corporation

Part # 34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

34C60 Datasheet(HTML) 45 Page - SMSC Corporation

Back Button 34C60 Datasheet HTML 41Page - SMSC Corporation 34C60 Datasheet HTML 42Page - SMSC Corporation 34C60 Datasheet HTML 43Page - SMSC Corporation 34C60 Datasheet HTML 44Page - SMSC Corporation 34C60 Datasheet HTML 45Page - SMSC Corporation 34C60 Datasheet HTML 46Page - SMSC Corporation 34C60 Datasheet HTML 47Page - SMSC Corporation 34C60 Datasheet HTML 48Page - SMSC Corporation 34C60 Datasheet HTML 49Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
SMSC DS – PPC34C60
Page 45
Rev. 06/01/2001
ADVANCED INFORMATION
FIGURE 16 - EPP DATA WRITE TIMING (PARALLEL PORT SIGNALS)
See EPP Data Write Timing parameters.
EPP DATA WRITE TIMING (PARALLEL PORT SIGNALS)
PARAMETER
MIN
TYP
MAX
UNITS
t1
The Host asserts nSTB to indicate that the
forthcoming transfer is a write cycle. At the
same time or soon after the Host places
the address byte on HD[0:7].
This
specifies the time between nSTB being
asserted and an address appearing on
HD[0:7]. The PPC34C60 does not rely on
nSTB.
0
ns
t2
After placing an address on HD[0:7], the
Host then asserts nALF to inform the
PPC34C60 that a data cycle is taking
place.
0
ns
t3
The PPC34C60 will detect the assertion of
nALF and will assert BSY to indicate that it
has latched the data on HD[0:7].
250
[6 SCLK]
10,000
ns
t4
After the PPC34C60 asserts BSY the Host
will then indicate that the cycle is complete
by deasserting nALF. This represents the
response time requirements put on the
Host.
42
[SCLK]
t5
Seeing that the Host has indicated that the
cycle is complete, the PPC34C60 will then
deassert the BSY line as soon as it is ready
for another EPP transfer.
209
[5 SCLK]
ns
t6
As soon as the PPC34C60 deasserts BSY
the Host may initiate another EPP transfer.
This time represents the time between the
PPC34C60 deasserting BSY to the Host
starting a new transfer cycle.
0
ns
t1
t1
t6
t2
t4
t3
t5
VALID DATA
HD[0:7]
nSTB H
nALF H
nSEL H
nINIT H
BSY P
nACK P
PE P
SLCT P
nERR P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com