Electronic Components Datasheet Search
  English  ▼

X  

34C60 Datasheet(PDF) 16 Page - SMSC Corporation

Part # 34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

34C60 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button 34C60 Datasheet HTML 12Page - SMSC Corporation 34C60 Datasheet HTML 13Page - SMSC Corporation 34C60 Datasheet HTML 14Page - SMSC Corporation 34C60 Datasheet HTML 15Page - SMSC Corporation 34C60 Datasheet HTML 16Page - SMSC Corporation 34C60 Datasheet HTML 17Page - SMSC Corporation 34C60 Datasheet HTML 18Page - SMSC Corporation 34C60 Datasheet HTML 19Page - SMSC Corporation 34C60 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
SMSC DS – PPC34C60
Page 16
Rev. 06/01/2001
ADVANCED INFORMATION
3.3 Device Addressing
The Bi-Directional Parallel Peripheral Interface protocol, defined by the IEEE STD 1284 (Reference 1), describes two basic
types of 8-bit information transfers: data read/write operations and address read/write operations. The PPC34C60's bus
and internal registers are accessed via data read/write operations.
The PPC34C60's address mode is set through an SPP, EPP, or ECP address write operation. Table 1 specifies the control
signals used by each protocol to perform Address and Data Cycles and to indicate reverse data flow. Refer to the IEEE
STD 1284 (Reference 1) for further information.
Table 1 - Key Address/Data Cycle Signals
SIGNAL
SPP
EPP
ECP
Address
Strobe
SEL
SEL
STB(ALF=0)
Data
Strobe
STB
ALF
STB(ALF=1)
Reverse Channel
Signal
INIT=0
IMPLICIT
INIT = 0
The Parallel Port provides a byte-wide parallel data path. FIGURE 4 defines the data bits of this parallel port data path
during an address write operation to the PPC34C60.
FIGURE 4 - PARALLEL PORT ADDRESS WRITE AND DATA BITS
1B
M
A
WA
A
A
D7
D5
D4
D3
D6
D2
D1
D0
Bus or Register Address
Type of Access
Write/Read
Required for ECP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com