Electronic Components Datasheet Search
  English  ▼

X  

34C60 Datasheet(PDF) 57 Page - SMSC Corporation

Part # 34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

34C60 Datasheet(HTML) 57 Page - SMSC Corporation

Back Button 34C60 Datasheet HTML 50Page - SMSC Corporation 34C60 Datasheet HTML 51Page - SMSC Corporation 34C60 Datasheet HTML 52Page - SMSC Corporation 34C60 Datasheet HTML 53Page - SMSC Corporation 34C60 Datasheet HTML 54Page - SMSC Corporation 34C60 Datasheet HTML 55Page - SMSC Corporation 34C60 Datasheet HTML 56Page - SMSC Corporation 34C60 Datasheet HTML 57Page - SMSC Corporation 34C60 Datasheet HTML 58Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 57 / 58 page
background image
SMSC DS – PPC34C60
Page 57
Rev. 06/01/2001
ADVANCED INFORMATION
8.1 DMA Transfer Cycle Timing
DMA TRANSFER TYPE (PERIPHERAL BUS
<--> DRAM)
DMA TRANSFER CYCLE
DMA TRANSFER RATE
PERIPHERAL BUS
WIDTH
DRAM WIDTH
8
8
1,333
[16 BCLK]
750 KB/S
8
4
1,583
[19 BCLK]
631,578 KB/S
16
16
1,333
[16 BCLK]
1.5 MB/S
16
8
1,583
[19 BCLK]
1.263 MB/S
16
4
2,083
[25 BCLK]
960 KB/S
FIGURE 28 – RESET TIMING
PARAMETER
MIN
TYP
MAX
UNITS
t1
Reset pulse width
84
[2 SCLK]
ns
FIGURE 29 - CLOCK TIMING
PARAMETER
MIN
TYP
MAX
UNITS
t1
Clock Period (max SCLK=25MHz)
40
41.67
ns
t2
Clock active high or low
14
ns
tr
Clock Rise time (Vin = 0.4 to 3.0 V)
5
ns
tf
Clock Fall time (Vin = 3.0 to 0.4 V)
5
ns
nRESET
t1
t1
t2
t2
XIN (SCLK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com