Electronic Components Datasheet Search
  English  ▼

X  

34C60 Datasheet(PDF) 53 Page - SMSC Corporation

Part # 34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

34C60 Datasheet(HTML) 53 Page - SMSC Corporation

Back Button 34C60 Datasheet HTML 49Page - SMSC Corporation 34C60 Datasheet HTML 50Page - SMSC Corporation 34C60 Datasheet HTML 51Page - SMSC Corporation 34C60 Datasheet HTML 52Page - SMSC Corporation 34C60 Datasheet HTML 53Page - SMSC Corporation 34C60 Datasheet HTML 54Page - SMSC Corporation 34C60 Datasheet HTML 55Page - SMSC Corporation 34C60 Datasheet HTML 56Page - SMSC Corporation 34C60 Datasheet HTML 57Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
SMSC DS – PPC34C60
Page 53
Rev. 06/01/2001
ADVANCED INFORMATION
FIGURE 23 - DRAM READ CYCLE TIMING
When the DRAM bus width (4, 8 or 16 bits) is narrower than the Host bus (always 8-bits) or the Peripheral bus (8 or 16 bits)
than the PPC34C60 will implement fast page mode DRAM cycles to complete the data transfer. These page mode
transfers are performed for DMA as well as Host DRAM access.
See DRAM Read Cycle Timing Parameters.
DRAM READ CYCLE TIMING
PARAMETER
MIN
TYP
MAX
UNITS
t1
10-bit DRAM row address valid to nRD asserted.
74
[1 BCLK
-10]
84
[1 BCLK]
94
[1BCLK
+10]
ns
t2
10-bit DRAM row address valid to nRAS asserted.
74
[1 BCLK
-10]
84
[1 BCLK]
94
[1BCLK
+10]
ns
t3
nRAS asserted to valid 10-bit DRAM column
address.
74
[1 BCLK
-10]
84
[1 BCLK]
94
[1BCLK
+10]
ns
t4
10-bit DRAM column address valid to nCAS
asserted.
74
[1 BCLK
-10]
84
[1 BCLK]
94
[1BCLK
+10]
ns
t5
10-bit DRAM column address incremented and at the
same time the data is latched into the PPC34C60
following nCAS asserted.
74
[1 BCLK
-10]
84
[1 BCLK]
94
[1BCLK
+10]
ns
t6
nCAS deasserted after the column address has been
updated and the data has been latched by the
PPC34C60.
74
[1 BCLK
-10]
84
[1 BCLK]
94
[1BCLK
+10]
ns
t7
nCAS deasserted pulse width during page mode
accesses.
74
[1 BCLK
-10]
84
[1 BCLK]
94
[1BCLK
+10]
ns
t8
nCAS asserted to valid data, i.e., maximum
acceptable DRAM access time.
0
74
[1BCLK
-10]
ns
t9
nCAS deasserted to DRAM releasing data from the
bus.
0
74
[1BCLK
-10]
ns
t10
nCAS and nRAS both deasserted to nRD
deasserted.
0
42
[1 SCLK]
ns
t3
t5
t5
t4
t6
t7
t6
t2
t1
t10
t8
t9
t8
t9
Data Valid
Row Addr
Row Addr
Col Addr
Col Addr +2
Col Addr +1
SAB
Data Valid
Col Addr bits 8 & 9
SAB
MA[8:9]
SA[0:7]
nCAS
nRAS
nRD
nWR
SD[0:15]
BUSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com