Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 105 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 105 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 101Page - Texas Instruments TMS320VC5501 Datasheet HTML 102Page - Texas Instruments TMS320VC5501 Datasheet HTML 103Page - Texas Instruments TMS320VC5501 Datasheet HTML 104Page - Texas Instruments TMS320VC5501 Datasheet HTML 105Page - Texas Instruments TMS320VC5501 Datasheet HTML 106Page - Texas Instruments TMS320VC5501 Datasheet HTML 107Page - Texas Instruments TMS320VC5501 Datasheet HTML 108Page - Texas Instruments TMS320VC5501 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 193 page
background image
Functional Overview
105
December 2002 − Revised November 2004
SPRS206H
3.13.1.2 XPORT Bus Error Register (XERR)
The XPORT Bus Error Register bit layout is shown in Figure 3−45 and the bits are described in Table 3−49.
15
14
13
12
11
8
INTERR
Reserved
PERITO
Reserved
R, 0
R, 00
R, 0
R, 0000
75
4
3
20
Reserved
EBUS
DBUS
Reserved
R, 000
R, 0
R, 0
R, 000
LEGEND: R = Read, W = Write, n = value at reset
Figure 3−45. XPORT Bus Error Register Layout (0x0102)
Table 3−49. XPORT Bus Error Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
INTERR
15
R
0
INTERR bit
INTERR = 0:
No error
INTERR = 1:
An error occurred during an access to one of the
registers listed in Table 3−47.
Reserved
14−13
R
00
Reserved
PERITO
12
R
0
PERITO bit
PERITO = 0:
No error
PERITO = 1:
A time-out error occurred during an access to a
peripheral register.
Reserved
11−5
R
0000000
Reserved
EBUS
4
R
0
EBUS error bit†
EBUS = 0:
No error
EBUS = 1:
An error occurred during an EBUS access (write) to
one of the registers listed in Table 3−47.
DBUS
3
R
0
DBUS error bit†
DBUS = 0:
No error
DBUS = 1:
An error occurred during a DBUS access (read) to
one of the registers listed in Table 3−47.
Reserved
2−0
R
000
Reserved
† See the TMS320C55x DSP CPU Reference Guide (literature number SPRU371) for more information on the D-bus and E-bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com