Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 106 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 106 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 102Page - Texas Instruments TMS320VC5501 Datasheet HTML 103Page - Texas Instruments TMS320VC5501 Datasheet HTML 104Page - Texas Instruments TMS320VC5501 Datasheet HTML 105Page - Texas Instruments TMS320VC5501 Datasheet HTML 106Page - Texas Instruments TMS320VC5501 Datasheet HTML 107Page - Texas Instruments TMS320VC5501 Datasheet HTML 108Page - Texas Instruments TMS320VC5501 Datasheet HTML 109Page - Texas Instruments TMS320VC5501 Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 193 page
background image
Functional Overview
106
December 2002 − Revised November 2004
SPRS206H
3.13.2
DPORT Interface
The DPORT interfaces the CPU to the EMIF module. The DPORT is capable of enabling write posting on the
EMIF module. Write posting prevents stalls to the CPU during external memory writes. Two write posting
registers, which are freely associated with E and F bus writes, exist within the DPORT and are used to store
the write address and data so that writes can be zero wait state for the CPU. External memory writes will not
generate stalls to the CPU unless the two write posting registers are filled. Write posting is enabled by setting
the WPE bit of the DCR to 1.
The EMIFTO bit of the DERR is used to indicate that a CPU, DMA, HPI, or IPORT access to external memory
has generated a time-out error. The time-out error feature is enabled through the EMIFTOEN bit of the
Time-Out Control Register (TOCR). This function is not recommended during normal operation of the 5501.
The DPORT can be placed into idle through the EMIFI bit of the Idle Control Register (ICR) and executing the
IDLE instruction. When the DPORT is in idle, it will stop accepting new EMIF requests. If there is a request
from the CPU or the EMIF, the DPORT will not respond and hang. The ICR register will generate a bus error
if the DPORT is idled without the CPU or Master Port domains being in idle.
3.13.2.1 DPORT Configuration Register (DCR)
The DPORT Configuration Register bit layout is shown in Figure 3−46 and the bits are described in
Table 3−50.
15
8
Reserved
R, 00000000
76
0
WPE
Reserved
R/W, 0
R, 0000000
LEGEND: R = Read, W = Write, n = value at reset
Figure 3−46. DPORT Configuration Register Layout (0x0200)
Table 3−50. DPORT Configuration Register Bit Field Description†
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15−8
R
00000000
Reserved
WPE
7
R/W
0
Write Posting Enable bit†
WPE = 0:
Write posting disabled
WPE = 1:
Write posting enabled
Reserved
6−0
R
0000000
Reserved
† Write posting should not be enabled or disabled while the EMIF is conducting a transaction with external memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com