Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 111 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 111 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 107Page - Texas Instruments TMS320VC5501 Datasheet HTML 108Page - Texas Instruments TMS320VC5501 Datasheet HTML 109Page - Texas Instruments TMS320VC5501 Datasheet HTML 110Page - Texas Instruments TMS320VC5501 Datasheet HTML 111Page - Texas Instruments TMS320VC5501 Datasheet HTML 112Page - Texas Instruments TMS320VC5501 Datasheet HTML 113Page - Texas Instruments TMS320VC5501 Datasheet HTML 114Page - Texas Instruments TMS320VC5501 Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 193 page
background image
Functional Overview
111
December 2002 − Revised November 2004
SPRS206H
3.14 CPU Memory-Mapped Registers
The 5501 has 78 memory-mapped CPU registers that are mapped in data memory space address 0h to 4Fh.
Table 3−55 provides a list of the CPU memory-mapped registers (MMRs) available. The corresponding
TMS320C54x
 (C54x) CPU registers are also indicated where applicable.
Table 3−55. CPU Memory-Mapped Registers
C54X
REGISTER
C55X
REGISTER
WORD ADDRESS
(HEX)
C55X REGISTER DESCRIPTION
BIT FIELD
IER
IER0
00
Interrupt Enable Register 0
[15−0]
IFR
IFR0
01
Interrupt Flag Register 0
[15−0]
−
ST0_55
02
Status Register 0
[15−0]
−
ST1_55
03
Status Register 1
[15−0]
−
ST3_55
04
Status Register 3
[15−0]
−
−
05
Reserved
[15−0]
ST0
ST0
06
Status Register 0 (protected address for C54x code)
[15−0]
ST1
ST1
07
Status Register 1 (protected address for C54x code)
[15−0]
AL
AC0L
08
[15−0]
AH
AC0H
09
Accumulator 0
[31−16]
AG
AC0G
0A
Accumulator 0
[39−32]
BL
AC1L
0B
[15−0]
BH
AC1H
0C
Accumulator 1
[31−16]
BG
AC1G
0D
Accumulator 1
[39−32]
TREG
T3
0E
Temporary Register 3
[15−0]
TRN
TRN0
0F
Transition Register 0
[15−0]
AR0
AR0
10
Auxiliary Register 0
[15−0]
AR1
AR1
11
Auxiliary Register 1
[15−0]
AR2
AR2
12
Auxiliary Register 2
[15−0]
AR3
AR3
13
Auxiliary Register 3
[15−0]
AR4
AR4
14
Auxiliary Register 4
[15−0]
AR5
AR5
15
Auxiliary Register 5
[15−0]
AR6
AR6
16
Auxiliary Register 6
[15−0]
AR7
AR7
17
Auxiliary Register 7
[15−0]
SP
SP
18
Data Stack Pointer
[15−0]
BK
BK03
19
Circular Buffer Size Register for AR[0−3]
[15−0]
BRC
BRC0
1A
Block Repeat Counter 0
[15−0]
RSA
RSA0L
1B
Low Part of Block Repeat Start Address Register 0
[15−0]
REA
REA0L
1C
Low Part of Block Repeat End Address Register 0
[15−0]
PMST
PMST
1D
Status Register 3 (protected address for C54x code)
[15−0]
XPC
XPC
1E
Program Counter Extension Register for C54x code
[7−0]
−
−
1F
Reserved
[15−0]
−
T0
20
Temporary Register 0
[15−0]
−
T1
21
Temporary Register 1
[15−0]
−
T2
22
Temporary Register 2
[15−0]
−
T3
23
Temporary Register 3
[15−0]
−
AC2L
24
Accumulator 2
[15−0]
−
AC2H
25
[31−16]
−
AC2G
26
[39−32]
TMS320C54x and C54x are trademarks of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com