Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 113 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 113 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 109Page - Texas Instruments TMS320VC5501 Datasheet HTML 110Page - Texas Instruments TMS320VC5501 Datasheet HTML 111Page - Texas Instruments TMS320VC5501 Datasheet HTML 112Page - Texas Instruments TMS320VC5501 Datasheet HTML 113Page - Texas Instruments TMS320VC5501 Datasheet HTML 114Page - Texas Instruments TMS320VC5501 Datasheet HTML 115Page - Texas Instruments TMS320VC5501 Datasheet HTML 116Page - Texas Instruments TMS320VC5501 Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 193 page
background image
Functional Overview
113
December 2002 − Revised November 2004
SPRS206H
3.15 Peripheral Registers
Each 5501 device has a set of peripheral memory-mapped registers as listed in Table 3−56 through
Table 3−74. Peripheral registers are accessed using the port qualifier. For more information on the use of the
port qualifier, see the TMS320C55x Assembly Language Tools User’s Guide (literature number SPRU280).
Some registers use less than 16 bits. When reading these registers, unused bits are always read as 0.
The user guides for each peripheral contain detailed information on the operation and the functions of each
of the peripheral registers (see Section 4.2, Documentation Support, for a list of documents supporting each
peripheral).
Table 3−56. Peripheral Bus Controller Configuration Registers
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE†
0x0000
Reserved
0x0001
ICR
Idle Configuration Register
0000 0000 0000 0000
0x0002
ISTR
Idle Status Register
0000 0000 0000 0000
0x0003 to 0x000D
Reserved
0x000E
Reserved
0x000F
BOOT_MOD
Boot Mode Register (read only)
Value of GPIO[2:0] at reset
0x0010
Reserved
0x0011
Reserved
0x0100
XCR
XPORT Configuration Register
1000 0000 0000 0000
0x0102
XERR
XPORT Bus Error Register
0000 0000 0000 0000
0x0200
DCR
DPORT Configuration Register
0000 0000 0000 0000
0x0202
DERR
DPORT Bus Error Register
0000 0000 0000 0000
0x0302
IERR
IPORT Bus Error Register
0000 0000 0000 0000
0x07FD
CONFIG
System Configuration Register
1000 0010 0000 0000
0x9000
TOCR
Time-Out Control Register
0000 0000 0000 0001
† x denotes a “don’t care.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com