Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 117 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 117 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 113Page - Texas Instruments TMS320VC5501 Datasheet HTML 114Page - Texas Instruments TMS320VC5501 Datasheet HTML 115Page - Texas Instruments TMS320VC5501 Datasheet HTML 116Page - Texas Instruments TMS320VC5501 Datasheet HTML 117Page - Texas Instruments TMS320VC5501 Datasheet HTML 118Page - Texas Instruments TMS320VC5501 Datasheet HTML 119Page - Texas Instruments TMS320VC5501 Datasheet HTML 120Page - Texas Instruments TMS320VC5501 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 193 page
background image
Functional Overview
117
December 2002 − Revised November 2004
SPRS206H
Table 3−58. DMA Configuration Registers (Continued)
WORD ADDRESS
RESET VALUE
DESCRIPTION
REGISTER NAME
CHANNEL #4 REGISTERS
0x0C80
DMA_CSDP4
DMA Channel 4 Source Destination Parameters
Register
0000 0000 0000 0000
0x0C81
DMA_CCR4(15:0)
DMA Channel 4 Control Register
0000 0000 0000 0000
0x0C82
DMA_CICR4(5:0)
DMA Channel 4 Interrupt Control register
0000 0001 1000 0011
0x0C83
DMA_CSR4(6:0)
DMA Channel 4 Status register
00 0000
0x0C84
DMA_CSSA_L4
DMA Channel 4 Source Start Address, lower bits,
register
Undefined
0x0C85
DMA_CSSA_U4
DMA Channel 4 Source Start Address, upper bits,
register
Undefined
0x0C86
DMA_CDSA_L4
DMA Channel 4 Source Destination Address, lower
bits, register
Undefined
0x0C87
DMA_CDSA_U4
DMA Channel 4 Source Destination Address, upper
bits, register
Undefined
0x0C88
DMA_CEN4
DMA Channel 4 Element Number register
Undefined
0x0C89
DMA_CFN4
DMA Channel 4 Frame Number register
Undefined
0x0C8A
DMA_CSFI4
DMA Channel 4 Source Frame Index register
Undefined
0x0C8B
DMA_CSEI4
DMA Channel 4 Source Element Index register
Undefined
0x0C8C
DMA_CSAC4
DMA Channel 4 Source Address Counter register
Undefined
0x0C8D
DMA_CDAC4
DMA Channel 4 destination Address Counter register
Undefined
0x0C8E
DMA_CDEI4
DMA Channel 4 Destination Element Index register
Undefined
0x0C8F
DMA_CDFI4
DMA Channel 4 Destination Frame Index register
Undefined
CHANNEL #5 REGISTERS
0x0CA0
DMA_CSDP5
DMA Channel 5 Source Destination Parameters
Register
0000 0000 0000 0000
0x0CA1
DMA_CCR5(15:0)
DMA Channel 5 Control Register
0000 0000 0000 0000
0x0CA2
DMA_CICR5(5:0)
DMA Channel 5 Interrupt Control register
0000 0001 1000 0011
0x0CA3
DMA_CSR5(6:0)
DMA Channel 5 Status register
00 0000
0x0CA4
DMA_CSSA_L5
DMA Channel 5 Source Start Address, lower bits,
register
Undefined
0x0CA5
DMA_CSSA_U5
DMA Channel 5 Source Start Address, upper bits,
register
Undefined
0x0CA6
DMA_CDSA_L5
DMA Channel 5 Source Destination Address, lower
bits, register
Undefined
0x0CA7
DMA_CDSA_U5
DMA Channel 5 Source Destination Address, upper
bits, register
Undefined
0x0CA8
DMA_CEN5
DMA Channel 5 Element Number register
Undefined
0x0CA9
DMA_CFN5
DMA Channel 5 Frame Number register
Undefined
0x0CAA
DMA_CSFI5
DMA Channel 5 Source Frame Index register
Undefined
0x0CAB
DMA_CSEI5
DMA Channel 5 Source Element Index register
Undefined
0x0CAC
DMA_CSAC5
DMA Channel 5 Source Address Counter register
Undefined
0x0CAD
DMA_CDAC5
DMA Channel 5 Destination Address Counter register
Undefined
0x0CAE
DMA_CDEI5
DMA Channel 5 Destination Element Index register
Undefined
0x0CAF
DMA_CDFI5
DMA Channel 5 Destination Frame Index register
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com