Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 185 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 185 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 181Page - Texas Instruments TMS320VC5501 Datasheet HTML 182Page - Texas Instruments TMS320VC5501 Datasheet HTML 183Page - Texas Instruments TMS320VC5501 Datasheet HTML 184Page - Texas Instruments TMS320VC5501 Datasheet HTML 185Page - Texas Instruments TMS320VC5501 Datasheet HTML 186Page - Texas Instruments TMS320VC5501 Datasheet HTML 187Page - Texas Instruments TMS320VC5501 Datasheet HTML 188Page - Texas Instruments TMS320VC5501 Datasheet HTML 189Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 193 page
background image
Electrical Specifications
185
December 2002 − Revised November 2004
SPRS206H
Table 5−49. I2C Signals (SDA and SCL) Switching Characteristics
NO.
PARAMETER
STANDARD
MODE
FAST
MODE
UNIT
NO.
PARAMETER
MIN
MAX
MIN
MAX
UNIT
IC16
tc(SCL)
Cycle time, SCL
10
2.5
µs
IC17
td(SCLH-SDAL)
Delay time, SCL high to SDA low for a repeated START
condition
4.7
0.6
µs
IC18
td(SDAL-SCLL)
Delay time, SDA low to SCL low for a START and a repeated
START condition
4
0.6
µs
IC19
tw(SCLL)
Pulse duration, SCL low
4.7
1.3
µs
IC20
tw(SCLH)
Pulse duration, SCL high
4
0.6
µs
IC21
td(SDA-SCLH)
Delay time, SDA valid to SCL high
250
100
ns
IC22
tv(SCLL-SDAV)
Valid time, SDA valid after SCL low
For I2C bus devices
0
0
µs
IC23
tw(SDAH)
Pulse duration, SDA high between STOP and START conditions
4.7
1.3
µs
IC24
tr(SDA)
Rise time, SDA
1000
20 + 0.1Cb†
300
ns
IC25
tr(SCL)
Rise time, SCL
1000
20 + 0.1Cb†
300
ns
IC26
tf(SDA)
Fall time, SDA
300
20 + 0.1Cb†
300
ns
IC27
tf(SCL)
Fall time, SCL
300
20 + 0.1Cb†
300
ns
IC28
td(SCLH-SDAH)
Delay time, SCL high to SDA high for a STOP condition
4
0.6
µs
IC29
Cp
Capacitance for each I2C pin
10
10
pF
† Cb = total capacitance of one bus line in pF. If mixed with HS-mode devices, faster fall-times are allowed.
IC25
IC23
IC19
IC18
IC22
IC27
IC20
IC21
IC17
IC18
IC28
Stop
Start
Repeated
Start
Stop
SDA
SCL
IC16
IC26
IC24
Figure 5−47. I2C Transmit Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com