Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 187 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 187 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 183Page - Texas Instruments TMS320VC5501 Datasheet HTML 184Page - Texas Instruments TMS320VC5501 Datasheet HTML 185Page - Texas Instruments TMS320VC5501 Datasheet HTML 186Page - Texas Instruments TMS320VC5501 Datasheet HTML 187Page - Texas Instruments TMS320VC5501 Datasheet HTML 188Page - Texas Instruments TMS320VC5501 Datasheet HTML 189Page - Texas Instruments TMS320VC5501 Datasheet HTML 190Page - Texas Instruments TMS320VC5501 Datasheet HTML 191Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 193 page
background image
Mechanical Data
187
December 2002 − Revised November 2004
SPRS206H
6
Mechanical Data
Some TMX samples were shipped in the GGW package. For more information on the GGW package, see the
TMS320VC5502 and TMS320VC5501 Digital Signal Processors Silicon Errata (literature number SPRZ020D
or later).
TMS320VC5501PGF has completed Temp Cycle reliability qualification testing with no failures through
1500 cycles of −55
°C to 125°C following an EIA/JEDEC Moisture Sensitivity Level 4 pre-condition at
220+5/−0
°C peak reflow. Exceeding this peak reflow temperature condition or storage and handling
requirements may result in either immediate device failure post-reflow, due to package/die material
delamination (“popcorning”), or degraded Temp cycle life performance.
Please note that Texas Instruments (TI) also provides MSL, peak reflow and floor life information on a bar-code
label affixed to dry-pack shipping bags. Shelf life, temperature and humidity storage conditions and re-bake
instructions are prominently displayed on a nearby screen-printed label.
6.1
Package Thermal Resistance Characteristics
Table 6−1 and Table 6−2 provide the thermal resistance characteristics for the recommended package types
used on the TMS320VC5501 DSP.
NOTE:
Some TMX samples were shipped in the GGW package. For more information on the GGW
package, see the TMS320VC5502 and TMS320VC5501 Digital Signal Processors Silicon
Errata (literature number SPRZ020D or later).
Table 6−1. Thermal Resistance Characteristics (Ambient)
PACKAGE
RθJA (°C/W)
BOARD TYPE†
AIRFLOW (LFM)
94
High-K
0
93
High-K
150
91
High-K
250
(Without thermal vias)
87
High-K
500
(Without thermal vias)
117
Low-K
0
GZZ, ZZZ
114
Low-K
150
GZZ, ZZZ
109
Low-K
250
101
Low-K
500
39
High-K
0
(With thermal vias)‡
37
High-K
150
(With thermal vias)‡
36
High-K
250
34
High-K
500
† Board types are as defined by JEDEC. Reference JEDEC Standard JESD51−9, Test Boards for Area Array Surface Mount Package Thermal
Measurements.
‡ Adding thermal vias will significantly improve the thermal performance of the device. To use the thermal balls on the GZZ and ZZZ packages:
− An array of 25 land pads must be added on the top layer of the PCB where the package will be mounted.
− The PCB land pads should be the same diameter as the vias in the package substrate for optimal Board Level Reliability Temperature Cycle
performance.
− The land pads on the PCB should be connected together and to PCB through-holes. The PCB through-holes should in turn be connected
to the ground plane for heat dissipation.
− A solid internal plane is preferred for spreading the heat.
Refer to the MicroStar BGA
E Packaging Reference Guide (literature number SSYZ015) for guidance on PCB design, surface mount, and
reliability considerations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com