Electronic Components Datasheet Search
  English  ▼

X  

SP3508EB Datasheet(PDF) 10 Page - Exar Corporation

Part # SP3508EB
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3508EB Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP3508EB Datasheet HTML 6Page - Exar Corporation SP3508EB Datasheet HTML 7Page - Exar Corporation SP3508EB Datasheet HTML 8Page - Exar Corporation SP3508EB Datasheet HTML 9Page - Exar Corporation SP3508EB Datasheet HTML 10Page - Exar Corporation SP3508EB Datasheet HTML 11Page - Exar Corporation SP3508EB Datasheet HTML 12Page - Exar Corporation SP3508EB Datasheet HTML 13Page - Exar Corporation SP3508EB Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
0
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3508_00_072208
SP3508 Pin Designation
Pin Number
Pin Name
Description

GND
Signal Ground
2
SDEN
TxD Driver Enable Input
3
TTEN
TxCE Driver Enable Input
4
STEN
ST Driver Enabe Input
5
RSEN
RTS Driver Enable Input
6
TREN
DTR Driver Enable Input
7
RRCEN
DCD Driver Enable Input
8
RLEN
RL Driver Enable Input
9
LLEN#
LL Driver Enable Input
0
RDEN#
RxD Receiver Enabe Input

RTEN#
RxC Receiver Enable Input
2
TxCEN#
TxC Receiver Enable Input
3
CSEN#
CTS Receiver Enable Input
4
DMEN#
DSR Receiver Enable Input
5
RRTEN#
DCD
DTE Receiver Enable Input
6
ICEN#
RI Receiver Enable Input
7
TMEN
TM Receiver Enable Input
8
D0
Mode Select Input
9
D
Mode Select Input
20
D2
Mode Select Input
2
DLATCH#
Decoder Latch Input
22
TERM_OFF
Termination Disable Input
23
VCC
Power Supply Input
24
C3P
Charge Pump Capacitor
25
GND
Signal Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com