Electronic Components Datasheet Search
  English  ▼

X  

SP3508EB Datasheet(PDF) 7 Page - Exar Corporation

Part # SP3508EB
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3508EB Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP3508EB Datasheet HTML 3Page - Exar Corporation SP3508EB Datasheet HTML 4Page - Exar Corporation SP3508EB Datasheet HTML 5Page - Exar Corporation SP3508EB Datasheet HTML 6Page - Exar Corporation SP3508EB Datasheet HTML 7Page - Exar Corporation SP3508EB Datasheet HTML 8Page - Exar Corporation SP3508EB Datasheet HTML 9Page - Exar Corporation SP3508EB Datasheet HTML 10Page - Exar Corporation SP3508EB Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3508_00_072208
OTHER AC CHARACTERISTICS
PARAMETER
MIN.
TYP.
MAX.
Units
CONDITIONS
DRIVER DELAY TIME BETWEEN ACTIVE MODE AND TRI-STATE MODE
RS-232/V.28
t
PZL; Tri-state to Output LOW
0.70
5.0
µs
C
L = 00pF, Fig. 33 & 39; S closed
t
PZH; Tri-state to Output HIGH
0.40
2.0
µs
C
L = 00pF, Fig. 33 & 39; S2 closed
t
PLZ; Output LOW to Tri-state
0.20
2.0
µs
C
L = 00pF, Fig. 33 & 39; S closed
t
PHZ; Output HIGH to Tri-state
0.40
2.0
µs
C
L = 00pF, Fig. 33 & 39; S2 closed
RS-423/V.10
t
PZL; Tri-state to Output LOW
0.5
2.0
µs
C
L = 00pF, Fig. 33 & 39; S closed
t
PZH; Tri-state to Output HIGH
0.20
2.0
µs
C
L = 00pF, Fig. 33 & 39; S2 closed
t
PLZ; Output LOW to Tri-state
0.20
2.0
µs
C
L = 00pF, Fig. 33 & 39; S closed
t
PHZ; Output HIGH to Tri-state
0.5
2.0
µs
C
L = 00pF, Fig. 33 & 39; S2 closed
RS-422/V.11
t
PZL; Tri-state to Output LOW
2.80
0.0
µs
C
L = 00pF, Fig. 33 & 36; S closed
t
PZH; Tri-state to Output HIGH
0.0
2.0
µs
C
L = 00pF, Fig. 33 & 36; S2 closed
t
PLZ; Output LOW to Tri-state
0.0
2.0
µs
C
L = 5pF, Fig. 33 & 36; S closed
t
PHZ; Output HIGH to Tri-state
0.0
2.0
µs
C
L = 5pF, Fig. 33 & 36; S2 closed
V.35
t
PZL; Tri-state to Output LOW
2.60
0.0
µs
C
L = 00pF, Fig. 33 & 36; S closed
t
PZH; Tri-state to Output HIGH
0.0
2.0
µs
C
L = 00pF, Fig. 33 & 36; S2 closed
t
PLZ; Output LOW to Tri-state
0.0
2.0
µs
C
L = 5pF, Fig. 33 & 36; S closed
t
PHZ; Output HIGH to Tri-state
0.5
2.0
µs
C
L = 5pF, Fig. 33 & 36; S2 closed
RECEIVER DELAY TIME BETWEEN ACTIVE MODE AND TRI-STATE MODE
RS-232/V.28
t
PZL; Tri-state to Output LOW
0.2
2.0
µs
C
L = 00pF, Fig. 34 & 37; S closed
t
PZH; Tri-state to Output HIGH
0.0
2.0
µs
C
L = 00pF, Fig. 34 & 37; S2 closed
t
PLZ; Output LOW to Tri-state
0.0
2.0
µs
C
L = 00pF, Fig. 34 & 37; S closed
t
PHZ; Output HIGH to Tri-state
0.0
2.0
µs
C
L = 00pF, Fig. 34 & 37; S2 closed
RS-423/V.10
t
PZL; Tri-state to Output LOW
0.0
2.0
µs
C
L = 00pF, Fig. 34 & 37; S closed
t
PZH; Tri-state to Output HIGH
0.0
2.0
µs
C
L = 00pF, Fig. 34 & 37; S2 closed
t
PLZ; Output LOW to Tri-state
0.0
2.0
µs
C
L = 00pF, Fig. 34 & 37; S closed
t
PHZ; Output HIGH to Tri-state
0.0
2.0
µs
C
L = 00pF, Fig. 34 & 37; S2 closed
T
A = 0 to 70°C and VCC = 3.3V ± 5% unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com