Electronic Components Datasheet Search
  English  ▼

X  

SP3508EB Datasheet(PDF) 17 Page - Exar Corporation

Part # SP3508EB
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3508EB Datasheet(HTML) 17 Page - Exar Corporation

Back Button SP3508EB Datasheet HTML 13Page - Exar Corporation SP3508EB Datasheet HTML 14Page - Exar Corporation SP3508EB Datasheet HTML 15Page - Exar Corporation SP3508EB Datasheet HTML 16Page - Exar Corporation SP3508EB Datasheet HTML 17Page - Exar Corporation SP3508EB Datasheet HTML 18Page - Exar Corporation SP3508EB Datasheet HTML 19Page - Exar Corporation SP3508EB Datasheet HTML 20Page - Exar Corporation SP3508EB Datasheet HTML 21Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
7
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3508_00_072208
Figure 3. V.0 Driver Output Transition Time
Figure 4. V.0 Receiver Input Current
Figure 5. V.0 Receiver Input IV Graph
Figure 6. V. Driver Output Open-Circuit Voltage
Figure 7. V. Driver Output Test Terminated Volt-
age
Figure 8. V. Driver Output Short-Circuit Current
A
450Ω
C
Oscilloscope
A
C
I
ia
±10V
A
B
V
OC
3.9kΩ
V
OCA
V
OCB
C
A
B
V
T
50Ω
V
OS
C
50Ω
A
B
C
I
sa
I
sb
V. 10 R E CE IVE R
+3. 25mA
-3. 25mA
+3V
+10V
-3V
-10V
Ma ximum Input C urrent
Vers us Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com