Electronic Components Datasheet Search
  English  ▼

X  

SP3508EB Datasheet(PDF) 36 Page - Exar Corporation

Part # SP3508EB
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3508EB Datasheet(HTML) 36 Page - Exar Corporation

Back Button SP3508EB Datasheet HTML 28Page - Exar Corporation SP3508EB Datasheet HTML 29Page - Exar Corporation SP3508EB Datasheet HTML 30Page - Exar Corporation SP3508EB Datasheet HTML 31Page - Exar Corporation SP3508EB Datasheet HTML 32Page - Exar Corporation SP3508EB Datasheet HTML 33Page - Exar Corporation SP3508EB Datasheet HTML 34Page - Exar Corporation SP3508EB Datasheet HTML 35Page - Exar Corporation SP3508EB Datasheet HTML 36Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
36
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3508_00_072208
ORDERING INFORMATION
Part Number
Temperature Range
Package Types
SP3508CF-L........................................... 0°C to +70°C .................................................. 00–pin JEDEC LQFP
SP3508EF-L........................................ -40°C to +85°C .................................................. 00–pin JEDEC LQFP
Notice
EXAR Corporation reserves the right to make changes to any products contained in this publication in order to improve design, performance or reliabil-
ity. EXAR Corporation assumes no representation that the circuits are free of patent infringement. Charts and schedules contained herein are only for
illustration purposes and may vary depending upon a user's specific application. While the information in this publication has been carefully checked;
no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for
use in such applications unless EXAR Corporation receives, in writting, assurances to its satisfaction that: (a) the risk of injury or damage has been
minimized ; (b) the user assumes all such risks; (c) potential liability of EXAR Corporation is adequately protected under the circumstances.
Copyright 2008 EXAR Corporation
Datasheet July 2008
Send your Interface technical inquiry with technical details to: uarttechsupport@exar.com
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.
Date
Revision
Description
/2/04
A
Implemented Tracking revision
2/27/04
B
Included Diamond column in spec table inidcating which specs apply over full
operating temperature range. Correct typo to Fig. 5 pin 6 and 62.
3/3/04
C
Corrected max dimension for symbol c on LQFP package outline
6/03/04
D
Added table to page 27 and 28
0/2/04
E
Certified conformance to NET1/NET2 and TBR-1/TBR-2 TUV by TUV Rhein-
land (Test report # TBR2/3045940.00/04)
0/29/04
F
Corrected V.28 Driver Open circuit values, pages 27 and 28 -- both for DCE
and DTE that BA(B) should connect to pin 4.
7/7/08
.0.0
Change Revision format from letter code to number code. Change Logo,
footnote and notice statement from Sipex to Exar. Add T
J limits to Absolute
Maximum Ratings. Change propagation delay limit specification for V.11 and
V.35 Driver/Receiver from 60ns Maximum to 85ns Maximum. Update ordering
information to show only RoHS packaging (-L) is available.
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com