Electronic Components Datasheet Search
  English  ▼

X  

SP3508EB Datasheet(PDF) 11 Page - Exar Corporation

Part # SP3508EB
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3508EB Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP3508EB Datasheet HTML 7Page - Exar Corporation SP3508EB Datasheet HTML 8Page - Exar Corporation SP3508EB Datasheet HTML 9Page - Exar Corporation SP3508EB Datasheet HTML 10Page - Exar Corporation SP3508EB Datasheet HTML 11Page - Exar Corporation SP3508EB Datasheet HTML 12Page - Exar Corporation SP3508EB Datasheet HTML 13Page - Exar Corporation SP3508EB Datasheet HTML 14Page - Exar Corporation SP3508EB Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image

Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3508_00_072208
SP3508 Pin Designation
Pin Number
Pin Name
Description
26
C3N
Charge Pump Capacitor
27
VSS2
Minus VCC
28
AGND
Signal Ground
29
AVCC
Power Supply Input
30
LOOPBACK#
Loopback Mode Enable Input
3
TxD
TxD Driver TTL Input
32
TxCE
TxCE Driver TTL input
33
ST
ST Driver TTL Input
34
RTS
RTS Driver TTL Input
35
DTR
DTR Driver TTL Input
36
DCD_DCE
DCD
DCE Driver TTL Input
37
RL
RL Driver TTL Input
38
LL
LL Driver TTL Input
39
RxD
RxD Receiver TTL Output
40
RxC
RxC Receiver TTL Output
4
TxC
TxC Receiver TTL Output
42
CTS
CTS Receiver TTL Output
43
DSR
DSR Receiver TTL Output
44
DCD_DTE
DCD
DTE Receiver TTL Output
45
RI
RI Receiver TTL Output
46
TM
TM Receiver TTL Output
47
GND
Signal Ground
48
VCC
Power Supply Input
49
RD(B)
RxD Non-Inverting Input
50
RD(A)
RxD Inverting Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com