Electronic Components Datasheet Search
  English  ▼

X  

SP3508EB Datasheet(PDF) 12 Page - Exar Corporation

Part # SP3508EB
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3508EB Datasheet(HTML) 12 Page - Exar Corporation

Back Button SP3508EB Datasheet HTML 8Page - Exar Corporation SP3508EB Datasheet HTML 9Page - Exar Corporation SP3508EB Datasheet HTML 10Page - Exar Corporation SP3508EB Datasheet HTML 11Page - Exar Corporation SP3508EB Datasheet HTML 12Page - Exar Corporation SP3508EB Datasheet HTML 13Page - Exar Corporation SP3508EB Datasheet HTML 14Page - Exar Corporation SP3508EB Datasheet HTML 15Page - Exar Corporation SP3508EB Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
2
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3508_00_072208
SP3508 Pin Designation
Pin Number
Pin Name
Description
5
RT(B)
RxC Non-Inverting Input
52
RT(A)
RxC Inverting Input
53
TxC(B)
TxC Non-Inverting Input
54
GND
Signal Ground
55
TxC(A)
TxC Inverting Input
56
CS(B)
CTS Non-Inverting Input
57
CS(A)
CTS Inverting Input
58
DM(B)
DSR Non-Inverting Input
59
DM(A)
DSR Inverting Input
60
GNDV0
V.0 RX Reference Node
6
RRT(B)
DCD
DTE Non-Inverting Input
62
RRT(A)
DCD
DTE Inverting Input
63
IC
RI Receiver Input
64
TM(A)
TM Receiver Input
65
LL(A)
LL Driver Output
66
VCC
Power Supply Input
67
RL(A)
RL Driver Output
68
VSS
-2xVCC Charge Pump Output
69
C2N
Charge Pump Capacitor
70
CN
Charge Pump Capacitor
7
GND
Signal Ground
72
C2P
Charge Pump Capacitor
73
VCC
Power Supply Input
74
CP
Charge Pump Capacitor
75
GND
Signal Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com