Electronic Components Datasheet Search
  English  ▼

X  

SP3508EB Datasheet(PDF) 29 Page - Exar Corporation

Part # SP3508EB
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3508EB Datasheet(HTML) 29 Page - Exar Corporation

Back Button SP3508EB Datasheet HTML 25Page - Exar Corporation SP3508EB Datasheet HTML 26Page - Exar Corporation SP3508EB Datasheet HTML 27Page - Exar Corporation SP3508EB Datasheet HTML 28Page - Exar Corporation SP3508EB Datasheet HTML 29Page - Exar Corporation SP3508EB Datasheet HTML 30Page - Exar Corporation SP3508EB Datasheet HTML 31Page - Exar Corporation SP3508EB Datasheet HTML 32Page - Exar Corporation SP3508EB Datasheet HTML 33Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
29
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3508_00_072208
V CC = +3V
+6V
V SS1 Storage C apacitor
V DD Storage C apacitor
C 1
C 2
+
+
+
+
–
–
–
–
C VDD
C VSS1
Figure 48. Charge Pump - Phase 4.
2-phased inverter pump
Phase 1
Please refer to figure below: In the first phase of the clock cycle, switches S2 and S4 are
opened and S1 and S3 closed. This connects the flying capacitor, C3, from Vin to ground.
C3 charge up to the input voltage applied at Vcc.
Phase 2
In the second phase of the clock cycle, switches S2 and S4 are closed and S and S3 are
opened. This connects the flying capacitor, C3, in parallel with the output capacitor, C
VSS2.
The Charge stored in C3 is now transferred to C
VSS2. Simultaneously, the negative side of
C
VSS2 is connected to VSS2 and the positive side is connected to ground. With the voltage
across C
VSS2 smaller than the voltage across C3, the charge flows from C3 to CVSS2 until the
voltage at the V
SS2 equals -VCC.
C 3
S 2
S 1
S 3
S 4
V SS2
C VSS2
+
+
VCC
VSS2 = -V CC
Figure 49. Circuit for an Ideal Voltage Inverter.
FEATURES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com