Electronic Components Datasheet Search
  English  ▼

X  

SP3508EB Datasheet(PDF) 4 Page - Exar Corporation

Part # SP3508EB
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3508EB Datasheet(HTML) 4 Page - Exar Corporation

  SP3508EB Datasheet HTML 1Page - Exar Corporation SP3508EB Datasheet HTML 2Page - Exar Corporation SP3508EB Datasheet HTML 3Page - Exar Corporation SP3508EB Datasheet HTML 4Page - Exar Corporation SP3508EB Datasheet HTML 5Page - Exar Corporation SP3508EB Datasheet HTML 6Page - Exar Corporation SP3508EB Datasheet HTML 7Page - Exar Corporation SP3508EB Datasheet HTML 8Page - Exar Corporation SP3508EB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3508_00_072208
ELECTRICAL SPECIFICATIONS
T
A = 0 to 70°C and VCC = 3.3V ± 5% unless otherwise noted. The ♦ denotes the specifications which apply over the full operating tempera-
ture range (-40°C to +85°C), unless otherwise specified.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
V.11 DRIVER DC Parameters (Outputs)
Open Circuit Voltage (V
OC)
+/-6.0
♦
V
Per Figure 6
Test Terminated Voltage
+/-2.0
♦
V
Per Figure 7
0.5(V
OC)
♦
V
Balance
+/-0.4
V
Per Figure 7
Offset
+3.0
♦
V
Per Figure 7
Short-Circuit Current
+/-50
♦
mA
Per Figure 8
Power-Off Current
+/-00
♦
µA
Per Figure 9
V.11 DRIVER AC Parameters (Outputs)
V
CC = 3.3V for AC parameters
Transition Time
0
♦
ns
Per Figures 2 and 35, 0% to
90% using C
L = 50pF
Propagation Delay: t
PHL
30
85
♦
ns
Per Figures 32 and 35
Propagation Delay: t
PLH
30
85
♦
ns
Per Figures 32 and 35
Differential Skew
5
0
♦
ns
Per Figures 32 and 35
Max. Transmission Rate
20
♦
Mbps
V.11 RECEIVER DC Parameters (Inputs)
Common Mode Range
-7
+7
♦
V
Sensitivity
+/-0.2
♦
V
Input Current
-3.25
+3.25
mA
Per Figures 20 and 22; Power on
or off
Current with 100Ω
Termination
+/-60
mA
Per Figures 23 and 24
Input Impedance
4
♦
kΩ
V.11 RECEIVER AC Parameters
V
CC = 3.3V for AC parameters us-
ing CL = 50pF
Propagation Delay: t
PHL
30
85
ns
Per Figures 32 and 37
Propagation Delay: t
PLH
30
85
ns
Per Figures 32 and 37
Skew
5
0
ns
Per Figure 32
Max. Transmission Rate
20
Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com