Electronic Components Datasheet Search
  English  ▼

X  

SP3508EB Datasheet(PDF) 8 Page - Exar Corporation

Part # SP3508EB
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3508EB Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP3508EB Datasheet HTML 4Page - Exar Corporation SP3508EB Datasheet HTML 5Page - Exar Corporation SP3508EB Datasheet HTML 6Page - Exar Corporation SP3508EB Datasheet HTML 7Page - Exar Corporation SP3508EB Datasheet HTML 8Page - Exar Corporation SP3508EB Datasheet HTML 9Page - Exar Corporation SP3508EB Datasheet HTML 10Page - Exar Corporation SP3508EB Datasheet HTML 11Page - Exar Corporation SP3508EB Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3508_00_072208
OTHER AC CHARACTERISTICS: Continued
T
A = 0 to 70°C and VCC = +3.3V unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
RS-422/V.11
t
PZL; Tri-state to Output LOW
0.0
2.0
µs
C
L = 00pF, Fig. 34 &
38; S
 closed
t
PZH; Tri-state to Output HIGH
0.0
2.0
µs
C
L = 00pF, Fig. 34 &
38; S
2 closed
t
PLZ; Output LOW to Tri-state
0.0
2.0
µs
C
L = 5pF, Fig. 34 &
38; S
 closed
t
PHZ; Output HIGH to Tri-state
0.0
2.0
µs
C
L = 5pF, Fig. 34 &
38; S
2 closed
V.35
t
PZL; Tri-state to Output LOW
0.0
2.0
µs
C
L = 00pF, Fig. 34 &
38; S
 closed
t
PZH; Tri-state to Output HIGH
0.0
2.0
µs
C
L = 00pF, Fig. 34 &
38; S
2 closed
t
PLZ; Output LOW to Tri-state
0.0
2.0
µs
C
L = 5pF, Fig. 34 &
38; S
 closed
t
PHZ; Output HIGH to Tri-state
0.0
2.0
µs
C
L = 5pF, Fig. 34 &
38; S
2 closed
TRANSCEIVER TO TRANSCEIVER SKEW
(per Figures 32, 35, 37)
RS-232 Driver
00
ns
[ (t
PHL )Tx – (tPHL )Txn ]
00
ns
[ (t
PLH )Tx – (tPLH )Txn]
RS-232 Receiver
20
ns
[ (t
PHL )Rx – (tPHL )Rxn ]
20
ns
[ (t
PLH )Rx – (tPLH )Rxn ]
RS-422 Driver
2
ns
[ (t
PHL)Tx – (tPHL )Txn ]
2
ns
[ (t
PLH )Tx – (tPLH )Txn ]
RS-422 Receiver
3
ns
[ (t
PHL )Rx – (tPHL: )Rxn ]
3
ns
[ (t
PLH )Rx – (tPLH )Rxn ]
RS-423 Driver
5
ns
[ (t
PHL )Tx2 – (tPHL )Txn ]
5
ns
[ (t
PLH )Tx2 – (tPLH )Txn ]
RS-423 Receiver
5
ns
[ (t
PHL )Rx2 – (tPHL )Rxn ]
5
ns
[ (t
PLH )Rx2 – (tPLH )Rxn ]
V.35 Driver
4
ns
[ (t
PHL )Tx – (tPHL )Txn ]
4
ns
[ (t
PLH )Tx – (tPLH )Txn ]
V.35 Receiver
6
ns
[ (t
PHL )Rx – (tPHL )Rxn ]
6
ns
[ (t
PLH )Rx – (tPLH )Rxn]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com