Electronic Components Datasheet Search
  English  ▼

X  

SP3508EB Datasheet(PDF) 22 Page - Exar Corporation

Part # SP3508EB
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3508EB Datasheet(HTML) 22 Page - Exar Corporation

Back Button SP3508EB Datasheet HTML 18Page - Exar Corporation SP3508EB Datasheet HTML 19Page - Exar Corporation SP3508EB Datasheet HTML 20Page - Exar Corporation SP3508EB Datasheet HTML 21Page - Exar Corporation SP3508EB Datasheet HTML 22Page - Exar Corporation SP3508EB Datasheet HTML 23Page - Exar Corporation SP3508EB Datasheet HTML 24Page - Exar Corporation SP3508EB Datasheet HTML 25Page - Exar Corporation SP3508EB Datasheet HTML 26Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
22
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3508_00_072208
Figure 38. Receiver Enable and Disable Times
Figure 39. V.28 (RS-232) and V.0 (RS-423) Driver Enable and Disable Times
+3V
0V
Tx_Enable
1.5V
1.5V
tZL
f = 60kH z; tR < 10ns; tF < 10ns
TOUT
tLZ
Output LOW
0V
+3V
0V
V OH
1.5V
1.5V
tZH
f = 60kH z; tR < 10ns; tF < 10ns
TOUT
tHZ
Output HIG H
0V
Tx_Enable
V OL
0.5V
V OH -
VOL 0.5V
-
V OL 0.5V
-
+3V
0V
+3.3V
R E CE IVE R OUT
0V
1.5V
1.5V
tZL
tZH
f = 1MHz; tR < 10ns; tF < 10ns
R E CE IVE R OUT
1.5V
1.5V
tLZ
tHZ
0.5V
0.5V
Output normally L OW
Output normally H IG H
VIL
V IH
DE Cx
R xENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com