Electronic Components Datasheet Search
  English  ▼

X  

SP3508EB Datasheet(PDF) 33 Page - Exar Corporation

Part # SP3508EB
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3508EB Datasheet(HTML) 33 Page - Exar Corporation

Back Button SP3508EB Datasheet HTML 28Page - Exar Corporation SP3508EB Datasheet HTML 29Page - Exar Corporation SP3508EB Datasheet HTML 30Page - Exar Corporation SP3508EB Datasheet HTML 31Page - Exar Corporation SP3508EB Datasheet HTML 32Page - Exar Corporation SP3508EB Datasheet HTML 33Page - Exar Corporation SP3508EB Datasheet HTML 34Page - Exar Corporation SP3508EB Datasheet HTML 35Page - Exar Corporation SP3508EB Datasheet HTML 36Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
33
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3508_00_072208
Figure 50. Loopback Path
SD(a)
SD(b)
RD(a)
RD(b)
TT(a)
TT(b)
RT(a)
RT(b)
TxD
RxD
TxCE
RxC
ST(a)
ST(b)
TxC(a)
TxC(b)
ST
TxC
RS(a)
RS(b)
CS(a)
CS(b)
TR(a)
TR(b)
DM(a)
DM(b)
RTS
CTS
DTR
DSR
RRC(a)
RRC(b)
RR T(a)
RR T(b)
DCD_DCE
DCD_DTE
RL(a)
IC
RL
RI
LL(a)
TM(a)
LL
TM
31
39
32
40
33
41
34
42
35
43
36
44
37
45
38
46
97
99
50
49
93
95
52
51
89
91
55
53
81
83
57
56
85
87
59
58
79
77
62
61
67
63
65
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com