Electronic Components Datasheet Search
  English  ▼

X  

SP3508EB Datasheet(PDF) 32 Page - Exar Corporation

Part # SP3508EB
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3508EB Datasheet(HTML) 32 Page - Exar Corporation

Back Button SP3508EB Datasheet HTML 28Page - Exar Corporation SP3508EB Datasheet HTML 29Page - Exar Corporation SP3508EB Datasheet HTML 30Page - Exar Corporation SP3508EB Datasheet HTML 31Page - Exar Corporation SP3508EB Datasheet HTML 32Page - Exar Corporation SP3508EB Datasheet HTML 33Page - Exar Corporation SP3508EB Datasheet HTML 34Page - Exar Corporation SP3508EB Datasheet HTML 35Page - Exar Corporation SP3508EB Datasheet HTML 36Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
32
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3508_00_072208
TERM_OFF FUNCTION
The SP3508 contains a TERM_OFF pin that
disables all three receiver input termination
networks regardless of mode. This allows
the device to be used in monitor mode ap-
plications typically found in networking test
equipment.
The TERM_OFF pin internally contains a
pull-down device with an impedance of over
500kΩ, which will default in a "ON" condition
during power-up if V.35 receivers enable
line and the SHUTDOWN mode from the
decoder will disable the termination regard-
less of TERM_OFF.
LOOPBACK FUNCTION
The SP3508 contains a LOOPBACK pin that
invokes a loopback path.This loopback path
is illustrated in Figure 50. LOOPBACK has
an internal pull-up resistor that defaults to
normal mode during power up or if the pin is
left floating. During loopback, the driver out-
put and receiver input characteristics will still
adhere to its appropriate specifications.
DECODER AND D_LATCH FUNCTION
The SP3508 contains a D_LATCH pin that
latches the data into the D0, D and D2
decoder inputs. If tied to a logic LOW ("0"),
the latch is transparent, allowing the data at
the decoder inputs to propagate through and
program the SP3508 accordingly. If tied to a
logic HIGH ("1"), the latch locks out the data
and prevents the mode from changing until
this pin is brought to a logic LOW.
FEATURES
There are internal pull-up devices on D0,
D and D2, which allow the device to be in
SHUTDOWN mode ("111") upon power up.
However, if the device is powered-up with
the D_LATCH at a logic HIGH, the decoder
state of the SP3508 will be undefined.
CTR1/CTR2 EUROPEAN COMPLIANCY
As with all of Exar's previous multi-protocol
serial transceiver IC's the drivers and re-
ceivers have been designed to meet all the
requirements to NET/NET2 and TBR2 in
order to meet CTR/CTR2 compliancy. The
SP3508 is also tested in-house at Exar and
adheres to all the NET/2 physical layer
testing and the ITU Series V specifications
before shipment. Please note that although
the SP3508, as with its predecessors, ad-
here to CRT/CTR2 compliancy testing,
any complex or usual configuration should
be double-checked to ensure CTR/CTR2
compliance. Consult the factory for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com