Electronic Components Datasheet Search
  English  ▼

X  

SP3508EB Datasheet(PDF) 27 Page - Exar Corporation

Part # SP3508EB
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3508EB Datasheet(HTML) 27 Page - Exar Corporation

Back Button SP3508EB Datasheet HTML 23Page - Exar Corporation SP3508EB Datasheet HTML 24Page - Exar Corporation SP3508EB Datasheet HTML 25Page - Exar Corporation SP3508EB Datasheet HTML 26Page - Exar Corporation SP3508EB Datasheet HTML 27Page - Exar Corporation SP3508EB Datasheet HTML 28Page - Exar Corporation SP3508EB Datasheet HTML 29Page - Exar Corporation SP3508EB Datasheet HTML 30Page - Exar Corporation SP3508EB Datasheet HTML 31Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
27
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3508_00_072208
The same receivers also incorporate a ter-
mination network internally for V.35 applica-
tions.ForV.35,thereceiverinputtermination
is a “Y” termination consisting of two 51Ω
resistors connected in series and a 124Ω
resistor connected between the two 50Ω
resistors and GND. The receiver itself is
identical to the V. receiver.
The differential receivers can be configured
to be ITU-T-V.0 single-ended receivers by
internally connecting the non-inverting input
to ground. This is internally done by default
from the decoder. The non-inverting input is
rerouted to V0GND and can be grounded
separately. The ITU-T-V.0 receivers can
operate over 20Kbps and are used in RS-
449/V.36, EA-530, EA-530A and X.2
modes as Category II signals as indicated
by their corresponding specifications. All
receivers include an enable/disable line
for disabling the receiver output allowing
convenient half-duplex configurations. The
enable pins will either enable or disable the
output of the receivers according to the ap-
propriate active logic illustrated on Figure
44. The receiver’s enable lines include an
internalpull-uporpull-downdevice,depend-
ing on the active polarity of the receiver, that
enables the receiver upon power up if the
enable lines are left floating. During disabled
conditions, the receiver outputs will be at
a high impedance state. If the receiver is
disabled any associated termination is also
disconnected from the inputs.
All receivers include a fail-safe feature that
outputs a logic high when the receiver inputs
FEATURES
are open, terminated but open, or shorted
together. For single-ended V.28 and V.0
receivers, there are internal 5kΩ pull-down
resistors on the inputs which produces a
logic high (“”) at the receiver outputs. The
differential receivers have a proprietary cir-
cuit that detect open or shorted inputs and
if so, will produce a logic HIGH (“”) at the
receiver output.
CHARGE PUMP
SP3508 uses an internal capacitive charge
pump to generate Vdd and Vss. The design
is a patented (5,306,954) four-phased volt-
age shifting charge pump converters that
converts the input voltage of 3.3V to nomi-
nal output voltages of +/-6V (Vdd & Vss).
SP3508 also includes an inverter block
that inverts Vcc to -Vcc (Vss2). There is a
free-running oscillator that controls the four
phases of the voltage shifting. A description
of each phase follows.
4-phased doubler pump
Phase 1
-V
SS charge storage -During this phase of
theclockcycle,thepositivesideofcapacitors
C and C2 are initially charged to V
CC. C+
is then switched to ground and the charge in
C- is transferred to C2-. Since C2+ is con-
nected to V
CC, the voltage potential across
capacitor C2 is now 2xV
CC.
V CC = +3V
–3V
–3V
+3V
V SS1 Stora ge C apacitor
V DD Stora ge C apacitor
C 1
C 2
+
+
+
+
–
–
–
–
C VDD
C VSS1
Figure 45. Charge Pump - Phase .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com