Electronic Components Datasheet Search
  English  ▼

X  

SP3508EB Datasheet(PDF) 34 Page - Exar Corporation

Part # SP3508EB
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3508EB Datasheet(HTML) 34 Page - Exar Corporation

Back Button SP3508EB Datasheet HTML 28Page - Exar Corporation SP3508EB Datasheet HTML 29Page - Exar Corporation SP3508EB Datasheet HTML 30Page - Exar Corporation SP3508EB Datasheet HTML 31Page - Exar Corporation SP3508EB Datasheet HTML 32Page - Exar Corporation SP3508EB Datasheet HTML 33Page - Exar Corporation SP3508EB Datasheet HTML 34Page - Exar Corporation SP3508EB Datasheet HTML 35Page - Exar Corporation SP3508EB Datasheet HTML 36Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
34
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3508_00_072208
Figure 51. SP3508 Typical Operating Configuration to Serial Port Connector with DCE/DTE program-
mability
20 (V.11, V.28)
DTR_DSR_A
23 (V.11)
DTR_DSR_B
1mF
1mF
CVDD
VCC
VDD
C1-
C2-
C1+
C2+
1mF
SP3508CF
TxD
TxCE
ST
RTS
DTR
DCD_DCE
RL
RxC
TxC
CTS
DSR
DCD_DTE
RI
TM
10mF
mDB-26 Serial Port Connector Pins
Signal (DTE_DCE)
2 (V.11, V.35, V.28)
TXD_RXD_A
14 (V.11, V.35)
TXD_RXD_B
11 (V.11, V.35)
TXCE_TXC_B
25 (V.10, V.28)
LL_TM
15 (V.11, V.35, V.28)
*TXC_RXC_A
12 (V.11, V.35)
*TXC_RXC_B
SDEN
24 (V.11, V.35, V.28)
TXCE_TXC_A
3 (V.11, V.35, V.28)
RXD_TXD_A
16 (V.11, V.35)
RXD_TXD_B
8 (V.11, V.28)
DCD_DCD_A
10 (V.11)
DCD_DCD_B
9 (V.11, V.35)
RXC_TXCE_B
17 (V.11, V.35, V.28)
RXC_TXCE_A
LLEN
STEN
GND
* - Driver applies for DCE only on pins 15 and 12.
Receiver applies for DTE only on pins 15 and 12.
+3.3V
I/O Lines represented by double arrowhead signifies a bi-directional bus.
Input Line
Output Line
LL
RxD
TTEN
RSEN
TREN
RRCEN
RLEN
RDEN
TMEN
TxCEN
RTEN
CSEN
DMEN
RRTEN
ICEN
TERM_OFF
D_LATCH
D0
D1
D2
Charge Pump Section
Transceiver Section
Logic Section
+3.3V
21 (V.10, V.28)
RL_RI
22 (V.10, V.28)
RI_RL
18 (V.10, V.28)
LL_TM
DCE/DTE
Driver applies for DCE only on pins 8 and 10.
Receiver applies for DTE only on pins 8 and 10.
LOOPBACK
+3.3V
19 (V.11)
RTS_CTS_B
4 (V.11, V.28)
RTS_CTS_A
6 (V.11, V.28)
DSR_DTR_A
22 (V.11)
DSR_DTR_B
13 (V.11)
CTS_RTS_B
5 (V.11, V.28)
CTS_RTS_A
31
SD(a)
35
34
38
39
40
42
43
44
41
32
36
45
37
46
AGND
SD(b)
TT(a)
TT(b)
ST(a)
ST(b)
RS(a)
RS(b)
TR(a)
TR(b)
RRC(a)
RRC(b)
RL(a)
RD(a)
LL(a)
RD(b)
RT(a)
RT(b)
TxC(a)
TxC(b)
CS(a)
CS(b)
DM(a)
DM(b)
RRT(a)
RRT(b)
IC
TM(a)
18
19
20
97
99
93
95
89
91
81
83
85
87
79
77
67
50
65
49
51
55
53
57
56
59
58
62
61
63
64
52
21
22
30
28
+3.3V
AVCC
24
26
68
27
VSS2
VSS1
C3+
C3-
69
72
70
74
76
29
1mF
C1
C2
C3
CVSS1
CVSS2
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com