Electronic Components Datasheet Search
  English  ▼

X  

SP3508EB Datasheet(PDF) 23 Page - Exar Corporation

Part # SP3508EB
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3508EB Datasheet(HTML) 23 Page - Exar Corporation

Back Button SP3508EB Datasheet HTML 19Page - Exar Corporation SP3508EB Datasheet HTML 20Page - Exar Corporation SP3508EB Datasheet HTML 21Page - Exar Corporation SP3508EB Datasheet HTML 22Page - Exar Corporation SP3508EB Datasheet HTML 23Page - Exar Corporation SP3508EB Datasheet HTML 24Page - Exar Corporation SP3508EB Datasheet HTML 25Page - Exar Corporation SP3508EB Datasheet HTML 26Page - Exar Corporation SP3508EB Datasheet HTML 27Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
23
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3508_00_072208
Figure 40. Typical V.0 Driver Output Waveform.
Figure 4. Typical V. Driver Output Waveform.
Figure 42. Typical V.28 Driver Output Waveform.
Figure 43. Typical V.35 Driver Output Waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com