Electronic Components Datasheet Search
  English  ▼

X  

DS2148T Datasheet(PDF) 60 Page - Dallas Semiconductor

Part # DS2148T
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148T Datasheet(HTML) 60 Page - Dallas Semiconductor

Back Button DS2148T Datasheet HTML 56Page - Dallas Semiconductor DS2148T Datasheet HTML 57Page - Dallas Semiconductor DS2148T Datasheet HTML 58Page - Dallas Semiconductor DS2148T Datasheet HTML 59Page - Dallas Semiconductor DS2148T Datasheet HTML 60Page - Dallas Semiconductor DS2148T Datasheet HTML 61Page - Dallas Semiconductor DS2148T Datasheet HTML 62Page - Dallas Semiconductor DS2148T Datasheet HTML 63Page - Dallas Semiconductor DS2148T Datasheet HTML 64Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 75 page
background image
DS2148/Q48
60 of 75
BGA 12 x 12 PIN LAYOUT Figure 10-1
1
2
3
4
5
6
7
8
9
10
11
12
A
RTIP
1
TTIP
1
NC
RTIP
2
TTIP
2
NC
RTIP
3
TTIP
3
NC
RTIP
4
TTIP
4
NC
B
NC
RRING
1
TRING
1
NC
RRING
2
TRING
2
NC
RRING
3
TRING
3
NC
RRING
4
TRING
4
C
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
D
VSS
2
VDD
2
CS*
2
D2/
AD2
D0/
AD0
BPCLK
2
RCL/
LOTC2
VDD
3
VSS
3
CS*
3
RPOS
3
TNEG
3
E
RPOS
2
RNEG
2
D3/
AD3
VDD
2
NC
NC
NC
NC
VSS
3
PEBO
3
RCLK
3
TPOS
3
F
RCLK
2
TPOS
2
D1/
AD1
VSS
2
NC
NC
NC
NC
RCL/
LOTC3
BPCLK
3
RNEG
3
TCLK
3
G
TPOS
1
RNEG
1
PEBO
2
VSM
NC
NC
NC
NC
VDD
3
NC
D5/
AD5
A0
H
WR*
(R/W*)
TNEG
1
RCLK
1
BPCLK
1
NC
NC
NC
NC
VSS
4
D6/
AD6
A2
A1
J
See
Note 2
RD*
(DS*)
CS*
1
VSS
1
VDD
1
MCLK
RCL/
LOTC4
VDD
4
D4/
AD4
D7/
AD7
NC
NC
K
A4
ALE
(AS)
See
Note 2
RPOS
1
PEBO
1
NC
TEST
PEBO
4
INT*
CS*
4
RPOS
4
TNEG
4
L
A3
TCLK
2
NC
NC
VDD
1
RCL/
LOTC1
BIS0
BPCLK
4
HRST*
VSS
4
RCLK
4
TCLK
4
M
TNEG
2
TCLK
1
NC
VSS
1
NC
NC
NC
BIS1
VDD
4
RNEG
4
TPOS
4
PBTS
NOTES:
1) Shaded areas are signals common to all four devices.
2) Connect to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com