Electronic Components Datasheet Search
  English  ▼

X  

DS2148T Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS2148T
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148T Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS2148T Datasheet HTML 7Page - Dallas Semiconductor DS2148T Datasheet HTML 8Page - Dallas Semiconductor DS2148T Datasheet HTML 9Page - Dallas Semiconductor DS2148T Datasheet HTML 10Page - Dallas Semiconductor DS2148T Datasheet HTML 11Page - Dallas Semiconductor DS2148T Datasheet HTML 12Page - Dallas Semiconductor DS2148T Datasheet HTML 13Page - Dallas Semiconductor DS2148T Datasheet HTML 14Page - Dallas Semiconductor DS2148T Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
DS2148/Q48
11 of 75
PIN DESCRIPTIONS IN PARALLEL PORT MODE (Sorted by Pin Name,
DS2148T Pin Numbering) Table 4-2b
ACRONYM
PIN
I/O
DESCRIPTION
A0
To
A4
11
to
7
I
Address Bus. In nonmultiplexed bus operation (BIS1 = 0, BIS0 =
1), serves as the address bus. In multiplexed bus operation (BIS1 =
0, BIS0 = 0), these pins are not used and should be tied low.
ALE
(AS)
4
I
Address Latch Enable (Address Strobe). When using the parallel
port (BIS1 = 0) in multiplexed bus mode (BIS0 = 0), serves to
demultiplex the bus on a positive-going edge. In nonmultiplexed bus
mode (BIS0 = 1), should be tied low.
BIS0/
BIS1
32/
33
I
Bus Interface Select Bits 0 & 1. Used to select bus interface option.
See Table 4-1 for details.
BPCLK
31
O
Back Plane Clock. A 16.384MHz, 8.192MHz, 4.096MHz, or
2.048MHz clock output that is referenced to RCLK selectable via
CCR5.7 and CCR5.6. In hardware mode, defaults to 16.384MHz
output.
CS*
1
I
Chip Select. Must be low to read or write to the device. CS* is an
active low signal.
D0 / AD0
To
D7 / AD7
19
to
12
I/O
Data Bus/Address/Data Bus. In non-multiplexed bus operation
(BIS1 = 0, BIS0 = 1), serves as the data bus. In multiplexed bus
operation (BIS1 = 0, BIS0 = 0), serves as an 8-bit multiplexed
address/data bus.
HRST*
29
I
Hardware Reset. Bringing HRST* low will reset the DS2148
setting all control bits to their default state of all zeros.
INT*
23
O
Interrupt [INT*] pin 23. Flags host controller during conditions
and change of conditions defined in the Status Register. Active low,
open drain output.
MCLK
30
I
Master Clock. A 2.048MHz (±50ppm) clock source with TTL
levels is applied at this pin. This clock is used internally for both
clock/data recovery and for jitter attenuation. Use of a T1 1.544MHz
clock source is optional.
See Note 1 on clock accuracy at the end of this table.
NA
-
I
Not Assigned. Should be tied low.
PBEO
24
O
PRBS Bit Error Output. The receiver will constantly search for a
215-1 or a 220-1 PRBS depending on the ETS bit setting (CCR1.7).
Remains high if out of synchronization with the PRBS pattern. Goes
low when synchronized to the PRBS pattern. Any errors in the
received pattern after synchronization will cause a positive going
pulse (with same period as E1 or T1 clock) synchronous with
RCLK. PRBS bit errors can also be reported to the ECR1 and ECR2
registers by setting CCR6.2 to a logic 1.
PBTS
44
I
Parallel Bus Type Select. When using the parallel port (BIS1 = 0),
set high to select Motorola bus timing, set low to select Intel bus
timing. This pin controls the function of the RD*(DS*), ALE(AS),
and WR*(R/W*) pins. If PBTS = 1 and BIS1 = 0, then these pins
assume the Motorola function listed in parenthesis (). In serial port
mode, this pin should be tied low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com