Electronic Components Datasheet Search
  English  ▼

X  

DS2148T Datasheet(PDF) 18 Page - Dallas Semiconductor

Part # DS2148T
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148T Datasheet(HTML) 18 Page - Dallas Semiconductor

Back Button DS2148T Datasheet HTML 14Page - Dallas Semiconductor DS2148T Datasheet HTML 15Page - Dallas Semiconductor DS2148T Datasheet HTML 16Page - Dallas Semiconductor DS2148T Datasheet HTML 17Page - Dallas Semiconductor DS2148T Datasheet HTML 18Page - Dallas Semiconductor DS2148T Datasheet HTML 19Page - Dallas Semiconductor DS2148T Datasheet HTML 20Page - Dallas Semiconductor DS2148T Datasheet HTML 21Page - Dallas Semiconductor DS2148T Datasheet HTML 22Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 75 page
background image
DS2148/Q48
18 of 75
ACRONYM
PIN
I/O
DESCRIPTION
MCLK
30
I
Master Clock. A 2.048MHz (±50ppm) clock source with TTL
levels is applied at this pin. This clock is used internally for both
clock/data recovery and for jitter attenuation. Use of a T1 1.544MHz
clock source is optional. G.703 requires an accuracy of
±50ppm for
both T1 and E1. TR62411 and ANSI specs require an accuracy of
±32ppm for T1 interfaces.
MM0/
MM1
18/
19
I
Monitor Mode Select Bits 0 & 1 [H/W Mode]. These inputs
determine if the receive equalizer is in a monitor mode.
See Table 4-8.
NA
-
I
Not Assigned. Should be tied low.
NRZE
3
I
NRZ Enable [H/W Mode].
0 = Bipolar data at RPOS/RNEG and TPOS/TNEG
1 = NRZ data at RPOS and TPOS or TNEG; RNEG outputs a
positive going pulse when device receives a BPV, CV, or EXZ.
PBEO
24
O
PRBS Bit Error Output. The receiver will constantly search for a
QRSS (T1) or a 215-1 (E1) PRBS depending on whether T1 or E1
mode is selected. Remains high if out of synchronization with the
PRBS pattern. Goes low when synchronized to the PRBS pattern.
Any errors in the received pattern after synchronization will cause a
positive going pulse (with same period as E1 or T1 clock)
synchronous with RCLK.
RCLK
40
O
Receive Clock. Buffered recovered clock from the line.
Synchronous to MCLK in absence of signal at RTIP and RRING.
RCL
25
O
Receive Carrier Loss. An output which will toggle high during a
receive carrier loss.
RNEG
39
O
Receive Negative Data. Updated on the rising edge (CES = 0) or
the falling edge (CES = 1) of RCLK with the bipolar data out of the
line interface. Set NRZE to a one for NRZ applications. In NRZ
mode, data will be output on RPOS while a received error will cause
a positive-going pulse synchronous with RCLK at RNEG. See
Section 8.4 for details.
RPOS
38
O
Receive Positive Data. Updated on the rising edge (CES = 0) or the
falling edge (CES = 1) of RCLK with bipolar data out of the line
interface. Set NRZE pin to a one for NRZ applications. In NRZ
mode, data will be output on RPOS while a received error will cause
a positive-going pulse synchronous with RCLK at RNEG. See
Section 8.4 for details.
RT0/
RT1
44/
23
I
Receive LIU Termination Select Bits 0 & 1 [H/W Mode]. These
inputs determine the receive termination. See Table 4-9.
RTIP/
RRING
27/
28
I
Receive Tip and Ring. Analog inputs for clock recovery circuitry.
These pins connect via a 1:1 transformer to the line. See Section 7
for details.
SCLKE
4
I
Receive & Transmit Synchronization Clock Enable.
0 = disable 2.048 MHz synchronization transmit and receive mode
1 = enable 2.048 MHz synchronization transmit and receive mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com