Electronic Components Datasheet Search
  English  ▼

X  

DS2148T Datasheet(PDF) 62 Page - Dallas Semiconductor

Part # DS2148T
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148T Datasheet(HTML) 62 Page - Dallas Semiconductor

Back Button DS2148T Datasheet HTML 58Page - Dallas Semiconductor DS2148T Datasheet HTML 59Page - Dallas Semiconductor DS2148T Datasheet HTML 60Page - Dallas Semiconductor DS2148T Datasheet HTML 61Page - Dallas Semiconductor DS2148T Datasheet HTML 62Page - Dallas Semiconductor DS2148T Datasheet HTML 63Page - Dallas Semiconductor DS2148T Datasheet HTML 64Page - Dallas Semiconductor DS2148T Datasheet HTML 65Page - Dallas Semiconductor DS2148T Datasheet HTML 66Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 75 page
background image
DS2148/Q48
62 of 75
THERMAL CHARACTERISTICS OF DS21Q48 BGA PACKAGE
PARAMETER
MIN
TYP
MAX
NOTES
Ambient Temperature
-40ºC
-
+85ºC
1
Junction Temperature
-
-
+125ºC
Theta-JA (θJA) in Still Air
-
+24ºC/W
-
2
Theta-JC (θJC) in Still Air
-
+4.1ºC/W
-
3
NOTES:
1) The package is mounted on a four-layer JEDEC-standard test board.
2) Theta-JA (θJA) is the junction to ambient thermal resistance, when the package is mounted on a four-
layer JEDEC-standard test board.
3) While Theta-JC (θJC) is commonly used as the thermal parameter that provides a correlation between the
junction temperature (Tj) and the average temperature on top center of four of the chip-scale BGA
packages (TC), the proper term is Psi-JT. It is defined by:
(TJ - TC) / overall package power
The method of measurement of the thermal parameters is defined in EIA/JEDEC-standard document
EIA-JESD51-2.
THETA-JA (θJA) VERSUS AIRFLOW
FORCED AIR (m/s)
THETA-JA (θJA)
0
24ºC/W
1
21ºC/W
2.5
19ºC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com